Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADXL346
Data Sheet
0
10
20
30
40
50
60
70
80
90
100
–0.10
–0.05
0
0.05
0.10
SENSITIVITY TEMPERATURE COEFFICIENT (%/°C)
Figure 22. X-Axis Sensitivity Temperature Coefficient, VS = 2.6 V
0
10
20
30
40
50
60
70
80
90
100
–0.10
–0.05
0
0.05
0.10
SENSITIVITY TEMPERATURE COEFFICIENT (%/°C)
Figure 23. Y-Axis Sensitivity Temperature Coefficient, VS = 2.6 V
0
10
20
30
40
50
60
70
80
90
100
–0.10
–0.05
0
0.05
0.10
SENSITIVITY TEMPERATURE COEFFICIENT (%/°C)
Figure 24. Z-Axis Sensitivity Temperature Coefficient, VS = 2.6 V
230
235
240
245
250
255
260
265
270
275
280
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 25. X-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 2.6 V, Full Resolution
230
235
240
245
250
255
260
265
270
275
280
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 26. Y-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 2.6 V, Full Resolution
230
235
240
245
250
255
260
265
270
275
280
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 27. Z-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 2.6 V, Full Resolution
Rev. C | Page 10 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com