Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADXL346
Data Sheet
Rev. C | Page 16 of 40
Table 9. SPI Digital Input/Output
Limit1
Parameter
Test Conditions
Min
Max
Unit
Digital Input
Low Level Input Voltage (VIL)
0.3 × VDD I/O
V
High Level Input Voltage (VIH)
0.7 × VDD I/O
V
Low Level Input Current (IIL)
VIN = VDD I/O
0.1
μA
High Level Input Current (IIH)
VIN = 0 V
−0.1
μA
Digital Output
Low Level Output Voltage (VOL)
IOL = 10 mA
0.2 × VDD I/O
V
High Level Output Voltage (VOH)
IOH = −4 mA
0.8 × VDD I/O
V
Low Level Output Current (IOL)
VOL = VOL, max
10
mA
High Level Output Current (IOH)
VOH = VOH, min
−4
mA
Pin Capacitance
fIN = 1 MHz, VIN = 2.6 V
8
pF
1 Limits are based on characterization results; not production tested.
Table 10. SPI Timing (TA = 25°C, VS = 2.6 V, VDD I/O = 1.8 V)1
Limit2, 3
Parameter
Min
Max
Unit
Description
fSCLK
5
MHz
SPI clock frequency
tSCLK
200
ns
1/(SPI clock frequency) mark-space ratio for the SCLK input is 40/60 to 60/40
tDELAY
5
ns
CS falling edge to SCLK falling edge
tQUIET
5
ns
SCLK rising edge to CS rising edge
tDIS
10
ns
CS rising edge to SDO disabled
t
CS,DIS
150
ns
CS deassertion between SPI communications
tS
0.3 × tSCLK
ns
SCLK low pulse width (space)
tM
0.3 × tSCLK
ns
SCLK high pulse width (mark)
tSETUP
5
ns
SDI valid before SCLK rising edge
tHOLD
5
ns
SDI valid after SCLK rising edge
tSDO
40
ns
SCLK falling edge to SDO/SDIO output transition
tR4
20
ns
SDO/SDIO output low to output high transition
tF4
20
ns
SDO/SDIO output high to output low transition
1 The CS, SCLK, SDI, and SDO pins are not internally pulled up or down; they must be driven for proper operation.
2 Limits are based on characterization results; not production tested.
3 The timing values are measured corresponding to the input thresholds (VIL and VIH) given in Table 9.
4 Output rise and fall times are measured with a capacitive load of 150 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com