Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADXL346
Rev. C | Page 21 of 40
SELF-TEST
The ADXL346 incorporates a self-test feature that effectively
tests its mechanical and electronic systems simultaneously.
When the self-test function is enabled (via the SELF_TEST bit
(Bit D7 in the DATA_FORMAT register, Address 0x31), an
electrostatic force is exerted on the mechanical sensor. This
electrostatic force moves the mechanical sensing element in the
same manner as acceleration would, and it is additive to the
acceleration experienced by the device. This added electrostatic
force results in an output change in the x-, y-, and z-axes. Because
the electrostatic force is proportional to VS2, the output change
varies with VS. This effect is shown in Figure 43.
The scale factors listed in Table 14 can be used to adjust the
expected self-test output limits for different supply voltages, VS.
The self-test feature of the ADXL346 also exhibits a bimodal
behavior. However, the limits listed in Table 1 and Table 15 to
Table 18 are valid for both potential self-test values due to bi-
modality. Use of the self-test feature at data rates less than 100 Hz
or at 1600 Hz may yield values outside these limits. Therefore,
the part must be in normal power operation (LOW_POWER
bit = 0 in the BW_RATE register, Address 0x2C) and be placed
into a data rate of 100 Hz through 800 Hz or 3200 Hz for the
self-test function to operate correctly.
1.6
1.8
2.0
2.2
2.4
2.6
2.8
SUPPLY VOLTAGE, VS (V)
X-AXIS SELF-TEST HIGH LIMIT
X-AXIS SELF-TEST LOW LIMIT
Y-AXIS SELF-TEST HIGH LIMIT
Y-AXIS SELF-TEST LOW LIMIT
Z-AXIS SELF-TEST HIGH LIMIT
Z-AXIS SELF-TEST LOW LIMIT
–3
–2
–1
0
1
2
3
Figure 43. Self-Test Output Change Limits vs. Supply Voltage
Table 14. Self-Test Output Scale Factors for Different Supply
Voltages, VS
Supply Voltage, VS
X-, Y-Axes
Z-Axis
1.70 V
0.43
0.38
1.80 V
0.48
0.47
2.00 V
0.59
0.58
2.60 V
1.00
1.00
2.75 V
1.13
1.11
Table 15. Self-Test Output in LSB for ±2 g, 10-Bit or Full
Resolution (TA = 25°C, VS = 2.6 V, VDD I/O = 1.8 V)
Axis
Min
Max
Unit
X
70
400
LSB
Y
−400
−70
LSB
Z
100
500
LSB
Table 16. Self-Test Output in LSB for ±4 g, 10-Bit Resolution
(TA = 25°C, VS = 2.6 V, VDD I/O = 1.8 V)
Axis
Min
Max
Unit
X
35
200
LSB
Y
−200
−35
LSB
Z
50
250
LSB
Table 17. Self-Test Output in LSB for ±8 g, 10-Bit Resolution
(TA = 25°C, VS = 2.6 V, VDD I/O = 1.8 V)
Axis
Min
Max
Unit
X
17
100
LSB
Y
−100
−17
LSB
Z
25
125
LSB
Table 18. Self-Test Output in LSB for ±16 g, 10-Bit Resolution
(TA = 25°C, VS = 2.6 V, VDD I/O = 1.8 V)
Axis
Min
Max
Unit
X
8
50
LSB
Y
−50
−8
LSB
Z
12
63
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com