Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 34 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 34Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 35Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADXL346
Data Sheet
Writing to the BW_RATE register or placing the part into standby
mode resets the orientation feature, clearing the orientation filter
and the orientation status. These actions cause an orientation
interrupt (if enabled), however, if the orientation during the
next output sample is different from the default value (+X for
2D orientation detection and undefined for 3D orientation).
DATA FORMATTING OF UPPER DATA RATES
Formatting of output data at the 3200 Hz and 1600 Hz output
data rates changes depending on the mode of operation (full-
resolution or fixed 10-bit) and the selected output range.
When using the 3200 Hz or 1600 Hz output data rates in
full-resolution or ±2 g, 10-bit operation, the LSB of the output
data-word is always 0. When data is right justified, this corresponds
to Bit D0 of the DATAx0 register, as shown in Figure 52. When
data is left justified and the part is operating in ±2 g, 10-bit mode,
the LSB of the output data-word is Bit D6 of the DATAx0 register.
In full-resolution operation when data is left justified, the location
of the LSB changes according to the selected output range. For a
range of ±2 g, the LSB is Bit D6 of the DATAx0 register; for ±4 g,
Bit D5 of the DATAx0 register; for ±8 g, Bit D4 of the DATAx0
register; and for ±16 g, Bit D3 of the DATAx0 register. This is
shown in Figure 53.
The use of 3200 Hz and 1600 Hz output data rates for fixed 10-bit
operation in the ±4 g, ±8 g, and ±16 g output ranges provides an
LSB that is valid and that changes according to the applied accel-
eration. Therefore, in these modes of operation, Bit D0 is not
always 0 when output data is right justified, and Bit D6 is not
always 0 when output data is left justified. Operation at any data
rate of 800 Hz or lower also provides a valid LSB in all ranges and
modes that change according to the applied acceleration.
0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
DATAx1 REGISTER
DATAx0 REGISTER
OUTPUT DATA-WORD FOR
±16g, FULL-RESOLUTION MODE.
OUTPUT DATA-WORD FOR THE ±2g,
FULL-RESOLUTION AND ALL 10-BIT MODES.
THE ±4g AND ±8g FULL-RESOLUTION MODES HAVE THE SAME LSB LOCATION AS THE ±2g
AND ±16g FULL-RESOLUTION MODES, BUT THE MSB LOCATION CHANGES TO BIT D2 AND
BIT D3 OF THE DATAx1 REGISTER FOR ±4g AND ±8g, RESPECTIVELY.
Figure 52. Data Formatting When Output Data Is Right Justified
0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
DATAx1 REGISTER
DATAx0 REGISTER
MSB FOR ALL MODES
OF OPERATION WHEN
LEFT JUSTIFIED.
LSB FOR ±2g, FULL-RESOLUTION
AND ALL 10-BIT MODES.
LSB FOR ±4g, FULL-RESOLUTION MODE.
LSB FOR ±8g, FULL-RESOLUTION MODE.
LSB FOR ±16g, FULL-RESOLUTION MODE.
FOR 3200Hz AND 1600Hz OUTPUT DATA RATES, THE LSB IN THESE MODES IS ALWAYS 0.
ADDITIONALLY, ANY BITS TO THE RIGHT OF THE LSB ARE ALWAYS 0 WHEN THE OUTPUT
DATA IS LEFT JUSTIFIED.
Figure 53. Data Formatting When Output Data Is Left Justified
Rev. C | Page 34 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com