Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 38 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 34Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 35Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 38Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 39Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ADXL346
Data Sheet
LAYOUT AND DESIGN RECOMMENDATIONS
Figure 62 shows the recommended printed wiring board land pattern. Figure 63 and Table 27 provide details about the recommended
soldering profile.
3.3500
0.8000
0.3000
0.5000
3.3500
Figure 62. Recommended Printed Wiring Board Land Pattern
(Dimensions shown in millimeters)
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 63. Recommended Soldering Profile
Table 27. Recommended Soldering Profile1, 2
Condition
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate from Liquid Temperature (TL) to Peak Temperature (TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time from TSMIN to TSMAX (tS)
60 sec to 120 sec
60 sec to 180 sec
TSMAX to TL Ramp-Up Rate
3°C/sec max
3°C/sec max
Liquid Temperature (TL)
183°C
217°C
Time Maintained Above TL (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240 + 0/−5°C
260 + 0/−5°C
Time of Actual TP − 5°C (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak Temperature
6 minutes max
8 minutes max
1
Based on JEDEC Standard J-STD-020D.1.
2
For best results, the soldering profile should be in accordance with the recommendations of the manufacturer of the solder paste used.
Rev. C | Page 38 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com