Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
ADXL346
POWER SAVINGS
Power Modes
The ADXL346 automatically modulates its power consumption
in proportion to its output data rate, as outlined in Table 7. If
additional power savings is desired, a lower power mode is
available. In this mode, the internal sampling rate is reduced,
allowing for power savings in the 12.5 Hz to 400 Hz data rate
range at the expense of slightly greater noise. To enter low power
mode, set the LOW_POWER bit (Bit D4) in the BW_RATE
register (Address 0x2C). The current consumption in low power
mode is shown in Table 8 for cases where there is an advantage
to using low power mode. Use of low power mode for a data rate
not shown in Table 8 does not provide any advantage over the same
data rate in normal power mode. Therefore, it is recommended
that only data rates listed in Table 8 be used in low power mode.
The current consumption values shown in Table 7 and Table 8
are for a VS of 2.6 V.
Table 7. Typical Current Consumption vs. Data Rate
(TA = 25°C, VS = 2.6 V, VDDI/O = 1.8 V)
Output Data
Rate (Hz)
Bandwidth (Hz)
Rate Code
IDD (µA)
3200
1600
1111
140
1600
800
1110
90
800
400
1101
140
400
200
1100
140
200
100
1011
140
100
50
1010
140
50
25
1001
90
25
12.5
1000
55
12.5
6.25
0111
40
6.25
3.13
0110
31
3.13
1.56
0101
27
1.56
0.78
0100
23
0.78
0.39
0011
23
0.39
0.20
0010
23
0.20
0.10
0001
23
0.10
0.05
0000
23
Table 8. Typical Current Consumption vs. Data Rate, Low
Power Mode (TA = 25°C, VS = 2.6 V, VDDI/O = 1.8 V)
Output Data
Rate (Hz)
Bandwidth (Hz)
Rate Code
IDD (µA)
400
200
1100
90
200
100
1011
55
100
50
1010
40
50
25
1001
31
25
12.5
1000
27
12.5
6.25
0111
23
Autosleep Mode
Additional power can be saved if the ADXL346 automatically
switches to sleep mode during periods of inactivity. To enable
this feature, set the THRESH_INACT register (Address 0x25)
and the TIME_INACT register (Address 0x26) each to a value
that signifies inactivity (the appropriate value depends on the
application), and then set the AUTO_SLEEP bit (Bit D4) and the
link bit (Bit D5) in the POWER_CTL register (Address 0x2D).
Current consumption at the sub-8 Hz data rates used in this
mode is typically 23 µA for a VS of 2.6 V.
Standby Mode
For even lower power operation, standby mode can be used.
In standby mode, current consumption is reduced to 0.2 µA
(typical). In this mode, no measurements are made. Standby mode
is entered by clearing the measure bit (Bit D3) in the
POWER_CTL register (Address 0x2D). Placing the device into
standby mode preserves the contents of FIFO.
Rev. C | Page 13 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com