Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADXL346
Data Sheet
Rev. C | Page 14 of 40
SERIAL COMMUNICATIONS
I2C and SPI digital communications are available. In both cases,
the ADXL346 operates as a slave. I2C mode is enabled if the CS pin
is tied high to VDD I/O. The CS pin should always be tied high to
VDD I/O or be driven by an external controller because there is no
default mode if the CS pin is left unconnected. Therefore, not
taking these precautions may result in an inability to communicate
with the part. In SPI mode, the CS pin is controlled by the bus
master. In both SPI and I2C modes of operation, data transmitted
from the ADXL346 to the master device should be ignored during
writes to the ADXL346.
SPI
For SPI, either 3- or 4-wire configuration is possible, as shown in
the connection diagrams in Figure 34 and Figure 35. Clearing the
SPI bit (Bit D6) in the DATA_FORMAT register (Address 0x31)
selects 4-wire mode, whereas setting the SPI bit selects 3-wire
mode. The maximum SPI clock speed is 5 MHz with 100 pF
maximum loading, and the timing scheme follows clock polarity
(CPOL) = 1 and clock phase (CPHA) = 1. If power is applied to
the ADXL346 before the clock polarity and phase of the host
processor are configured, the CS pin should be brought high
before changing the clock polarity and phase. When using 3-wire
SPI, it is recommended that the SDO pin either be pulled up to
VDD I/O or be pulled down to GND via a 10 kΩ resistor.
PROCESSOR
D OUT
D IN/OUT
D OUT
ADXL346
CS
SDIO
SDO
SCLK
Figure 34. 3-Wire SPI Connection Diagram
PROCESSOR
D OUT
D OUT
D IN
D OUT
ADXL346
CS
SDI
SDO
SCLK
Figure 35. 4-Wire SPI Connection Diagram
CS is the serial port enable line and is controlled by the SPI
master. This line must go low at the start of a transmission and
high at the end of a transmission, as shown in Figure 37. SCLK
is the serial port clock and is supplied by the SPI master. SCLK
should idle high during a period of no transmission. SDI and
SDO are the serial data input and output, respectively. Data is
updated on the falling edge of SCLK and should be sampled on
the rising edge of SCLK.
To read or write multiple bytes in a single transmission, the
multiple-byte bit, located after the R/W bit in the first byte transfer
(MB in Figure 37 to Figure 39), must be set. After the register
addressing and the first byte of data, each subsequent set of
clock pulses (eight clock pulses) causes the ADXL346 to point to
the next register for a read or write. This shifting continues until
the clock pulses cease and CS is deasserted. To perform reads or
writes on different, nonsequential registers, CS must be
deasserted between transmissions and the new register must be
addressed separately.
The timing diagram for 3-wire SPI reads or writes is shown in
Figure 39. The 4-wire equivalents for SPI writes and reads are
shown in Figure 37 and Figure 38, respectively. For correct
operation of the part, the logic thresholds and timing parameters
in Table 9 and Table 10 must be met at all times.
Use of the 3200 Hz and 1600 Hz output data rates is recom-
mended only with SPI communication rates greater than or
equal to 2 MHz. The 800 Hz output data rate is recommended
only for communication speeds greater than or equal to 400 kHz,
and the remaining data rates scale proportionally. For example,
the minimum recommended communication speed for a 200 Hz
output data rate is 100 kHz. Operation at an output data rate
above the recommended maximum may result in undesirable
effects on the acceleration data, including missing samples or
additional noise.
Preventing Bus Traffic Errors
The ADXL346 CS pin is used both for initiating SPI transactions,
and for enabling I2C mode. When the ADXL346 is used on a SPI
bus with multiple devices, its CS pin is held high while the master
communicates with the other devices. There may be conditions
where a SPI command transmitted to another device looks like
a valid I2C command. In this case, the ADXL346 would interpret
this as an attempt to communicate in I2C mode, and could inter-
fere with other bus traffic. Unless bus traffic can be adequately
controlled to assure such a condition never occurs, it is recom-
mended to add a logic gate in front of the SDI pin as shown in
Figure 36. This OR gate will hold the SDA line high when CS is
high to prevent SPI bus traffic at the ADXL346 from appearing
as an I2C start command.
PROCESSOR
D OUT
D OUT
D IN
D OUT
ADXL346
CS
SDI
SDO
SCLK
Figure 36. Recommended SPI Connection Diagram when Using Multiple SPI
Devices on a Single Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com