Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Data Sheet
ADXL346
Rev. C | Page 15 of 40
tDELAY
tSETUP
tHOLD
tSDO
XX
X
W
MB
A5
A0
D7
D0
XX
X
ADDRESS BITS
DATA BITS
tSCLK
tM
tS
tQUIET
tDIS
tCS,DIS
SCLK
SDI
SDO
CS
Figure 37. SPI 4-Wire Write
CS
XX
X
RMB
A5
A0
D7
D0
X
X
X
ADDRESS BITS
DATA BITS
tDIS
SCLK
SDI
SDO
tQUIET
tCS,DIS
tSDO
tSETUP
tHOLD
tDELAY
tSCLK
tM
tS
Figure 38. SPI 4-Wire Read
CS
tDELAY
tSETUP
tHOLD
tSDO
R/W
MB
A5
A0
D7
D0
ADDRESS BITS
DATA BITS
tSCLK
tM
tS
tQUIET
tCS,DIS
SCLK
SDIO
SDO
NOTES
1.
tSDO IS ONLY PRESENT DURING READS.
Figure 39. SPI 3-Wire Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com