Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADXL346
Data Sheet
REGISTER MAP
Table 19. Register Map
Address
Hex
Dec
Name
Type
Reset Value
Description
0x00
0
DEVID
R
11100110
Device ID.
0x01 to 0x1C
1 to 28
Reserved
Reserved. Do not access.
0x1D
29
THRESH_TAP
R/W
00000000
Tap threshold.
0x1E
30
OFSX
R/W
00000000
X-axis offset.
0x1F
31
OFSY
R/W
00000000
Y-axis offset.
0x20
32
OFSZ
R/W
00000000
Z-axis offset.
0x21
33
DUR
R/W
00000000
Tap duration.
0x22
34
Latent
R/W
00000000
Tap latency.
0x23
35
Window
R/W
00000000
Tap window.
0x24
36
THRESH_ACT
R/W
00000000
Activity threshold.
0x25
37
THRESH_INACT
R/W
00000000
Inactivity threshold.
0x26
38
TIME_INACT
R/W
00000000
Inactivity time.
0x27
39
ACT_INACT_CTL
R/W
00000000
Axis enable control for activity and inactivity detection.
0x28
40
THRESH_FF
R/W
00000000
Free-fall threshold.
0x29
41
TIME_FF
R/W
00000000
Free-fall time.
0x2A
42
TAP_AXES
R/W
00000000
Axis control for single tap/double tap.
0x2B
43
ACT_TAP_STATUS
R
00000000
Source of single tap/double tap.
0x2C
44
BW_RATE
R/W
00001010
Data rate and power mode control.
0x2D
45
POWER_CTL
R/W
00000000
Power-saving features control.
0x2E
46
INT_ENABLE
R/W
00000000
Interrupt enable control.
0x2F
47
INT_MAP
R/W
00000000
Interrupt mapping control.
0x30
48
INT_SOURCE
R
00000010
Source of interrupts.
0x31
49
DATA_FORMAT
R/W
00000000
Data format control.
0x32
50
DATAX0
R
00000000
X-Axis Data 0.
0x33
51
DATAX1
R
00000000
X-Axis Data 1.
0x34
52
DATAY0
R
00000000
Y-Axis Data 0.
0x35
53
DATAY1
R
00000000
Y-Axis Data 1.
0x36
54
DATAZ0
R
00000000
Z-Axis Data 0.
0x37
55
DATAZ1
R
00000000
Z-Axis Data 1.
0x38
56
FIFO_CTL
R/W
00000000
FIFO control.
0x39
57
FIFO_STATUS
R
00000000
FIFO status.
0x3A
58
TAP_SIGN
R
00000000
Sign and source for single tap/double tap.
0x3B
59
ORIENT_CONF
R/W
00100101
Orientation configuration.
0x3C
60
Orient
R
00000000
Orientation status.
Rev. C | Page 22 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com