Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADXL346
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO INTERNAL
CONNECTION
NC
VDD I/O
NC
SCL/SCLK
NC
GND
GND
INT1
NC
INT2
TOP VIEW
ADXL346
(Not to Scale)
1
2
3
4
5
13
12
11
10
9
6
7
8
16
15
14
+Z
+X
+Y
Figure 3. Pin Configuration (Top View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD I/O
Digital Interface Supply Voltage.
2
NC
Not Internally Connected.
3
NC
Not Internally Connected.
4
SCL/SCLK
Serial Communications Clock.
5
NC
Not Internally Connected.
6
SDA/SDI/SDIO
Serial Data (I2C)/Serial Data Input (SPI 4-Wire)/Serial Data Input and Output (SPI 3-Wire).
7
SDO/ALT ADDRESS
Serial Data Output (SPI 4-Wire)/Alternate I2C Address Select (I2C).
8
CS
Chip Select.
9
INT2
Interrupt 2 Output.
10
NC
Not Internally Connected.
11
INT1
Interrupt 1 Output.
12
GND
Must be connected to ground.
13
GND
Must be connected to ground.
14
VS
Supply Voltage.
15
RESERVED
Reserved. This pin must be connected to VS.
16
GND
Must be connected to ground.
Rev. C | Page 6 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com