Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 15Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
ADXL346
I2C
With CS tied high to VDD I/O, the ADXL346 is in I2C mode,
requiring a simple 2-wire connection as shown in Figure 40.
The ADXL346 conforms to the UM10204 I2
C-Bus Specification
and User Manual, Rev. 03—19 June 2007, available from NXP
Semiconductors. It supports standard (100 kHz) and fast (400 kHz)
data transfer modes if the bus parameters given in Table 11 and
Table 12 are met. Single- or multiple-byte reads/writes are sup-
ported, as shown in Figure 41. With the ALT ADDRESS pin (Pin
7) high, the 7-bit I2C address for the device is 0x1D, followed by
the R/W bit. This translates to 0x3A for a write and 0x3B for a
read. An alternate I2C address of 0x53 (followed by the R/W bit)
can be chosen by grounding the ALT ADDRESS pin. This
translates to 0xA6 for a write and 0xA7 for a read.
There are no internal pull-up or pull-down resistors for any
unused pins; therefore, there is no known state or default state
for the CS or ALT ADDRESS pin if left floating or unconnected.
It is required that the CS pin be connected to VDD I/O and that
the ALT ADDRESS pin be connected to either VDD I/O or GND
when using I2C.
Due to communication speed limitations, the maximum output
data rate when using 400 kHz I2C is 800 Hz and scales linearly with
a change in the I2C communication speed. For example, using I2C
at 100 kHz would limit the maximum ODR to 200 Hz. Operation
at an output data rate above the recommended maximum may
result in an undesirable effect on the acceleration data, including
missing samples or additional noise.
PROCESSOR
D IN/OUT
D OUT
RP
VDD I/O
RP
ADXL346
CS
SDA
ALT ADDRESS
SCL
Figure 40. I2C Connection Diagram (Address 0x53)
If other devices are connected to the same I2C bus, the nominal
operating voltage level of these other devices cannot exceed VDDI/O
by more than 0.3 V. External pull-up resistors, RP, are necessary for
proper I2C operation. Refer to the UM10204 I2C-Bus Specification
and User Manual, Rev. 03—19 June 2007, when selecting pull-up
resistor values to ensure proper operation.
Table 11. I2C Digital Input/Output
Limit1
Parameter
Test Conditions
Min
Max
Unit
Digital Input
Low Level Input Voltage (VIL)
0.3 × VDD I/O
V
High Level Input Voltage (VIH)
0.7 × VDD I/O
V
Low Level Input Current (IIL)
VIN = VDD I/O
0.1
µA
High Level Input Current (IIH)
VIN = 0 V
−0.1
µA
Digital Output
Low Level Output Voltage (VOL)
VDD I/O < 2 V, IOL = 3 mA
0.2 × VDD I/O
V
VDD I/O ≥ 2 V, IOL = 3 mA
400
mV
Low Level Output Current (IOL)
VOL = VOL, max
3
mA
Pin Capacitance
fIN = 1 MHz, VIN = 2.6 V
8
pF
1
Limits are based on characterization results; not production tested.
1THIS START IS EITHER A RESTART OR A STOP FOLLOWED BY A START.
NOTES
1. THE SHADED AREAS REPRESENT WHEN THE DEVICE IS LISTENING.
MASTER START
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
SLAVE
ACK
ACK
ACK
MASTER START
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
SLAVE
ACK
ACK
ACK
ACK
MASTER START
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
STOP
SLAVE
ACK
ACK
MASTER START
START1
START1
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
NACK
STOP
SLAVE
ACK
ACK
DATA
STOP
ACK
SINGLE-BYTE WRITE
MULTIPLE-BYTE WRITE
DATA
DATA
MULTIPLE-BYTE READ
SLAVE ADDRESS + READ
SLAVE ADDRESS + READ
ACK
DATA
DATA
DATA
STOP
NACK
ACK
SINGLE-BYTE READ
Figure 41. I2C Device Addressing
Rev. C | Page 17 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com