Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADXL346ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADXL346
Data Sheet
Parameter
Test Conditions
Min1
Typ2
Max1
Unit
TEMPERATURE
Operating Temperature Range
−40
+85
°C
WEIGHT
Device Weight
18
mg
1
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
2
The typical specifications shown are for at least 68% of the population of parts and are based on the worst case of mean ±1 σ except for 0 g output and sensitivity,
which represents the target value. For 0 g offset and sensitivity, the deviation from the ideal describes the worst case of mean ±1 σ.
3
Cross-axis sensitivity is defined as coupling between any two axes.
4
Bandwidth is the −3 dB frequency and is half the output data rate bandwidth = ODR/2.
5
The output format for the 3200 Hz and 1600 Hz ODRs is different from the output format for the remaining ODRs. This difference is described in the Data Formatting of
Upper Data Rates section.
6
Output data rates below 6.25 Hz exhibit additional offset shift with increased temperature, depending on selected output data rate. Refer to the Offset Performance at
Lowest Data Rates section for details.
7
These are typical values for the lowest and highest output data rate settings.
8
Self-test change is defined as the output (g) when the SELF_TEST bit = 1 (in the DATA_FORMAT register, Address 0x31) minus the output (g) when the SELF_TEST bit = 0.
Due to device filtering, the output reaches its final value after 4 × τ when enabling or disabling self-test, where τ = 1/(data rate). The part must be in normal power
operation (LOW_POWER bit = 0 in the BW_RATE register, Address 0x2C) for self-test to operate correctly.
9
Turn-on and wake-up times are determined by the user-defined bandwidth. At a 100 Hz data rate, the turn-on and wake-up times are each approximately 11.1 ms. For
other data rates, the turn-on and wake-up times are each approximately τ + 1.1 in milliseconds, where τ = 1/(data rate).
Rev. C | Page 4 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com