Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 39 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 34Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 35Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 38Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 39Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Data Sheet
ADXL346
OUTLINE DIMENSIONS
TOP VIEW
BOTTOM VIEW
END VIEW
SEATING
PLANE
1.00
0.95
0.85
3.10
3.00 SQ
2.90
PIN 1
CORNER
0.79
0.74
0.69
0.50
0.275
0.10
0.350
0.250
1
6
8
9
13
16
14
5
0.50
BSC
Figure 64. 16-Terminal Land Grid Array [LGA]
(CC-16-3)
Solder Terminations Finish Is Au over Ni
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Measurement
Range (g)
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
Branding
Code
ADXL346ACCZ-R2
±2, ±4, ±8, ±16
2.6
−40°C to +85°C
16-Terminal Land Grid Array [LGA]
CC-16-3
Y2Z
ADXL346ACCZ-RL
±2, ±4, ±8, ±16
2.6
−40°C to +85°C
16-Terminal Land Grid Array [LGA]
CC-16-3
Y2Z
ADXL346ACCZ-RL7
±2, ±4, ±8, ±16
2.6
−40°C to +85°C
16-Terminal Land Grid Array [LGA]
CC-16-3
Y2Z
EVAL-ADXL346Z
Evaluation Board
EVAL-ADXL346Z-DB
Inertial Sensor Development/Data Logger
Board
EVAL-ADXL346Z-M
Analog Devices Inertial Sensor Evaluation
System, Includes ADXL346 Satellite
EVAL-ADXL346Z-S
ADXL346 Satellite, Standalone
1
Z = RoHS Compliant Part.
Rev. C | Page 39 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com