Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADXL346
Data Sheet
Overrun Bit
The overrun bit is set when new data replaces unread data. The
precise operation of the overrun function depends on the FIFO
mode. In bypass mode, the overrun bit is set when new data
replaces unread data in the DATAX, DATAY, and DATAZ registers
(Address 0x32 to Address 0x37). In all other modes, the overrun
bit is set when FIFO is filled. The overrun bit is automatically
cleared when the contents of FIFO are read.
Orientation Bit
The orientation bit is set when the orientation of the accelerometer
changes from a valid orientation to a different valid orientation.
An interrupt is not generated, however, if the orientation of the
accelerometer changes from a valid orientation to an invalid
orientation, or from a valid orientation to an invalid orientation
and then back to the same valid orientation. An invalid orientation
is defined as an orientation within the dead zone, or the region of
hysteresis. This region helps to prevent rapid orientation change
due to noise when the accelerometer orientation is close to the
boundary between two valid orientations.
The orientations that are valid for the interrupt depend on which
mode, 2D or 3D, is linked to the orientation interrupt. The mode is
selected with the INT_3D bit (Bit D3) in the ORIENT_CONF
register (Address 0x3B). See the Register 0x3B—ORIENT_CONF
(Read/Write) section for more details on how to enable the
orientation interrupt.
FIFO
The ADXL346 contains technology for an embedded memory
management system with 32-level FIFO that can be used to
minimize host processor burden. This buffer has four modes:
bypass, FIFO, stream, and trigger (see Table 22). Each mode is
selected by the settings of the FIFO_MODE bits (Bits[D7:D6])
in the FIFO_CTL register (Address 0x38).
Bypass Mode
In bypass mode, FIFO is not operational and, therefore,
remains empty.
FIFO Mode
In FIFO mode, data from measurements of the x-, y-, and z-axes
are stored in FIFO. When the number of samples in FIFO
equals the level specified in the samples bits of the FIFO_CTL
register (Address 0x38), the watermark interrupt is set. FIFO
continues accumulating samples until it is full (32 samples from
measurements of the x-, y-, and z-axes) and then stops collecting
data. After FIFO stops collecting data, the device continues to
operate; therefore, features such as tap detection can be used
after FIFO is full. The watermark interrupt continues to occur
until the number of samples in FIFO is less than the value
stored in the samples bits of the FIFO_CTL register.
Stream Mode
In stream mode, data from measurements of the x-, y-, and z-
axes are stored in FIFO. When the number of samples in FIFO
equals the level specified in the samples bits of the FIFO_CTL
register (Address 0x38), the watermark interrupt is set. FIFO
continues accumulating samples and holds the latest 32 samples
from measurements of the x-, y-, and z-axes, discarding older
data as new data arrives. The watermark interrupt continues
occurring until the number of samples in FIFO is less than the
value stored in the samples bits of the FIFO_CTL register.
Trigger Mode
In trigger mode, FIFO accumulates samples, holding the latest
32 samples from measurements of the x-, y-, and z-axes. After
a trigger event occurs and an interrupt is sent to the INT1 or
INT2 pin (determined by the trigger bit in the FIFO_CTL register),
FIFO keeps the last n samples (where n is the value specified by
the samples bits in the FIFO_CTL register) and then operates in
FIFO mode, collecting new samples only when FIFO is not full.
A delay of at least 5 μs should be present between the trigger event
occurring and the start of reading data from the FIFO to allow
the FIFO to discard and retain the necessary samples. Additional
trigger events cannot be recognized until the trigger mode is
reset. To reset the trigger mode, set the device to bypass mode
and then set the device back to trigger mode. Note that the FIFO
data should be read first because placing the device into bypass
mode clears FIFO.
Retrieving Data from FIFO
The FIFO data is read through the DATAX, DATAY, and DATAZ
registers (Address 0x32 to Address 0x37). When the FIFO is in
FIFO, stream, or trigger mode, reads to the DATAX, DATAY,
and DATAZ registers read data stored in the FIFO. Each time
data is read from the FIFO, the oldest x-, y-, and z-axes data are
placed into the DATAX, DATAY, and DATAZ registers.
If a single-byte read operation is performed, the remaining bytes of
data for the current FIFO sample are lost. Therefore, all axes of
interest should be read in a burst (or multiple-byte) read operation.
To ensure that the FIFO has completely popped (that is, that new
data has completely moved into the DATAX, DATAY, and DATAZ
registers), there must be at least 5 μs between the end of reading
the data registers and the start of a new read of the FIFO or a
read of the FIFO_STATUS register (Address 0x39). The end of
reading a data register is signified by the transition of data from
Register 0x37 to Register 0x38 or by the CS pin going high.
For SPI operation at 1.6 MHz or less, the register addressing
portion of the transmission is a sufficient delay to ensure that
the FIFO has completely popped. For SPI operation greater than
1.6 MHz, it is necessary to deassert the CS pin to ensure a total
delay of 5 μs; otherwise, the delay will not be sufficient. The total
delay necessary for 5 MHz operation is at most 3.4 μs. This is
not a concern when using I2C mode because the communication
rate is low enough to ensure a sufficient delay between FIFO reads.
Rev. C | Page 20 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com