Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADXL346
Data Sheet
Register 0x3C—Orient (Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
0
V2
2D_ORIENT
V3
3D_ORIENT
Vx Bits
These bits show the validity of the 2D (V2) and 3D (V3) orienta-
tions. A value of 1 corresponds to the orientation being valid. A
value of 0 means that the orientation is invalid because the current
orientation is in the dead zone.
xD_ORIENT Bits
These bits represent the current 2D (2D_ORIENT) and 3D
(3D_ORIENT) orientations of the accelerometer. If the orien-
tation interrupt is enabled, this register is read to determine the
orientation of the device when the interrupt occurs. Because this
register updates with each new sample of acceleration data, it
should be read at the time of the orientation interrupt to ensure
that the orientation change that caused the interrupt has been
identified. Orientation values are shown in Table 25 and Table 26.
See the Orientation Sensing section for more details.
Writing to the BW_RATE register (Address 0x2C) or placing
the part into standby mode resets the orientation feature, clearing
the orientation filter and the orientation status. An orientation
interrupt (if enabled) results from these actions if the orientation
during the next output sample is different from the default
value (+X for 2D orientation detection and undefined for 3D
orientation).
Table 25. 2D Orientation Codes
Decimal
Binary
Orientation
Dominant Axis
0
00
Portrait positive
+X
1
01
Portrait negative
−X
2
10
Landscape positive
+Y
3
11
Landscape negative
−Y
Table 26. 3D Orientation Codes
Decimal
Binary
Orientation
Dominant Axis
3
011
Front
+X
4
100
Back
−X
2
010
Left
+Y
5
101
Right
−Y
1
001
Top
+Z
6
110
Bottom
−Z
Rev. C | Page 28 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com