Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 36 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 34Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 35Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 38Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 39Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADXL346
Data Sheet
OPERATION AT VOLTAGES OTHER THAN 2.6 V
The ADXL346 is tested and specified at a supply voltage of
VS = 2.6 V; however, it can be powered with a VS as high as 2.75 V
or as low as 1.7 V. Some performance parameters change as the
supply voltage changes, including the offset, sensitivity, noise,
self-test, and supply current.
Due to minuscule changes in the electrostatic forces as supply
voltage is varied, the offset and sensitivity change slightly. When
operating at a supply voltage of VS = 1.8 V, the offset of the x- and
y-axes is typically 25 mg higher than at VS = 2.6 V operation. The
z-axis is typically 20 mg lower when operating at a supply voltage
of 1.8 V than when operating at VS = 2.6 V. Sensitivity on the
x- and y-axes typically shifts from a nominal 256 LSB/g (full-
resolution or ±2 g, 10-bit operation) at VS = 2.6 V operation to
250 LSB/g when operating with a supply voltage of 1.8 V. The z-axis
sensitivity is unaffected by a change in supply voltage and is the
same at VS = 1.8 V operation as it is at VS = 2.6 V operation. Simple
linear interpolation can be used to determine typical shifts in
offset and sensitivity at other supply voltages.
Changes in noise performance, self-test response, and supply
current are discussed elsewhere throughout the data sheet. For
more information about noise performance, review the Noise
Performance section. The Self-Test section discusses both the
operation of self-test over voltage (a square relationship with the
supply voltage) and the conversion of the self-test response in
g’s to LSBs. Finally, Figure 33 shows the impact of supply voltage
on typical current consumption at a 100 Hz output data rate,
with all other output data rates following the same trend.
OFFSET PERFORMANCE AT LOWEST DATA RATES
The ADXL346 offers several output data rates and bandwidths
designed for a wide range of applications. However, at the lowest
data rates, described as those data rates below 6.25 Hz, the offset
performance over temperature can vary significantly from the
remaining data rates. Figure 57, Figure 58, and Figure 59 show
the typical offset performance of the ADXL346 over temperature
for data rates of 6.25 Hz and lower. All plots are normalized to
the offset at 100 Hz output data rate; therefore, a nonzero value
corresponds to additional offset shift due to the temperature for
that data rate.
When using the lowest data rates, it is recommended that the
operating temperature range of the device be limited to provide
minimal offset shift across the operating temperature range.
Due to variability between parts, it is also recommended that
calibration over temperature be performed if any data rates
below 6.25 Hz are in use.
0
20
40
60
80
100
120
140
25
35
45
55
65
75
85
TEMPERATURE (°C)
0.10Hz
0.20Hz
0.39Hz
0.78Hz
1.56Hz
3.13Hz
6.25Hz
Figure 57. Typical X-Axis Output vs. Temperature at Lower Data Rates,
Normalized to 100 Hz Output Data Rate, VS = 2.6 V
0
20
40
60
80
100
120
140
25
35
45
55
65
75
85
TEMPERATURE (°C)
0.10Hz
0.20Hz
0.39Hz
0.78Hz
1.56Hz
3.13Hz
6.25Hz
Figure 58. Typical Y-Axis Output vs. Temperature at Lower Data Rates,
Normalized to 100 Hz Output Data Rate, VS = 2.6 V
–20
0
20
40
60
80
100
120
140
25
35
45
55
65
75
85
TEMPERATURE (°C)
0.10Hz
0.20Hz
0.39Hz
0.78Hz
1.56Hz
3.13Hz
6.25Hz
Figure 59. Typical Z-Axis Output vs. Temperature at Lower Data Rates,
Normalized to 100 Hz Output Data Rate, VS = 2.6 V
Rev. C | Page 36 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com