Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
ADXL346
Register 0x39—FIFO_STATUS (Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
FIFO_TRIG
0
Entries
FIFO_TRIG Bit
A 1 in the FIFO_TRIG bit corresponds to a trigger event occurring,
and a 0 means that a FIFO trigger event has not occurred.
Entries Bits
These bits report how many data values are stored in FIFO.
Access to collect the data from FIFO is provided through the
DATAX, DATAY, and DATAZ registers. FIFO reads must be
done in burst or multiple-byte mode because each FIFO level is
cleared after any read (single- or multiple-byte) of FIFO. FIFO
stores a maximum of 32 entries, which equates to a maximum
of 33 entries available at any given time because an additional
entry is available at the output filter of the device.
Register 0x3A—TAP_SIGN (Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
0
XSIGN
YSIGN
ZSIGN
0
XTAP
YTAP
ZTAP
xSIGN Bits
These bits indicate the sign of the first axis involved in a tap
event. A setting of 1 corresponds to acceleration in the negative
direction, and a setting of 0 corresponds to acceleration in the
positive direction. These bits update only when a new single-
tap/double-tap event is detected, and only the axes enabled in the
TAP_AXES register (Address 0x2A) are updated. The TAP_SIGN
register should be read before clearing the interrupt. See the Tap
Sign section for more details.
xTAP Bits
These bits indicate the first axis involved in a tap event. A
setting of 1 corresponds to involvement in the event, and a
setting of 0 corresponds to no involvement. When new data is
available, these bits are not cleared but are overwritten by the
new data. The TAP_SIGN register should be read before clearing
the interrupt. Disabling an axis from participation clears the
corresponding source bit when the next single-tap/double-tap
event occurs.
Register 0x3B—ORIENT_CONF (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
INT_
ORIENT
Dead zone
INT_
3D
Divisor
INT_ORIENT Bit
Setting the INT_ORIENT bit enables the orientation interrupt.
A value of 1 overrides the overrun function of the device and
replaces overrun in the INT_MAP (Address 0x2F), INT_ENABLE
(Address 0x2E), and INT_SOURCE (Address 0x30) registers with
the orientation function. After setting the INT_ORIENT bit, the
orientation bits in the INT_MAP and INT_ENABLE registers must
be configured to map the orientation interrupt to INT1 or INT2
and to enable generation of the interrupt to the pin.
An orientation interrupt is generated whenever the orientation
status for the mode selected by the INT_3D bit changes in the
orient register (Address 0x3C). The orientation interrupt is
cleared by reading the INT_SOURCE register. Clearing the
INT_ORIENT bit, or the orientation bit in the INT_ENABLE
register (Address 0x2E), disables and clears the interrupt.
Writing to the BW_RATE register (Address 0x2C) or placing
the part into standby mode resets the orientation feature, clearing
the orientation filter and the interrupt. However, resetting the
orientation feature also resets the orientation status in the orient
register (Address 0x3C) and, therefore, causes an interrupt to be
generated when the next output sample is available if the present
orientation is not the default orientation. A value of 0 for the
INT_ORIENT bit disables generation of the orientation interrupt
and permits the use of the overrun function.
Dead Zone Bits
These bits determine the region between two adjacent orientations,
where the orientation is considered invalid and is not updated. A
value of 0 may result in undesirable behavior when the orientation
is close to the bisector between two adjacent regions. The dead zone
angle is determined by these bits, as described in Table 24. See the
Orientation Sensing section for more details.
Table 24. Dead Zone and Divisor Codes
Decimal
Binary
Dead Zone Angle
(Degrees)
Divisor
Bandwidth (Hz)
0
000
5.1
ODR/9
1
001
10.2
ODR/22
2
010
15.2
ODR/50
3
011
20.4
ODR/100
4
100
25.5
ODR/200
5
101
30.8
ODR/400
6
110
36.1
ODR/800
7
111
41.4
ODR/1600
INT_3D Bit
If the orientation interrupt is enabled, the INT_3D bit determines
whether 2D or 3D orientation detection generates an interrupt.
A value of 0 generates an interrupt only if the 2D orientation
changes from a valid 2D orientation to a different valid 2D
orientation. A value of 1 generates an interrupt only if the 3D
orientation changes from a valid 3D orientation to a different
valid 3D orientation.
Divisor Bits
These bits set the bandwidth of the filter used to low-pass filter the
measured acceleration for stable orientation sensing. The divisor
bandwidth is determined by these bits, as detailed in Table 24,
where ODR is the output data rate set in the BW_RATE register
(Address 0x2C). See the Orientation Sensing section for more
details.
Rev. C | Page 27 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com