Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
ADXL346
APPLICATIONS INFORMATION
POWER SUPPLY DECOUPLING
A 1 μF tantalum capacitor (CS) at VS and a 0.1 μF ceramic capacitor
(CI/O) at VDD I/O placed close to the ADXL346 supply pins is
recommended to adequately decouple the accelerometer from
noise on the power supply. If additional decoupling is necessary,
a resistor or ferrite bead, no larger than 100 Ω, in series with VS
may be helpful. Additionally, increasing the bypass capacitance
on VS to a 10 μF tantalum capacitor in parallel with a 0.1 μF
ceramic capacitor may also improve noise.
Care should be taken to ensure that the connection from the
ADXL346 ground to the power supply ground has low impedance
because noise transmitted through ground has an effect similar
to noise transmitted through VS. It is recommended that VS and
VDD I/O be separate supplies to minimize digital clock noise on
the VS supply. If this is not possible, additional filtering of the
supplies as previously mentioned may be necessary.
ADXL346
GND
INT1
INT2
CS
SCL/SCLK
SDO/ALT ADDRESS
SDA/SDI/SDIO
3-WIRE OR
4-WIRE SPI
OR I2C
INTERFACE
VS
VS
CS
VDD I/O
VDD I/O
CI/O
INTERRUPT
CONTROL
Figure 44. Applications Diagram
MECHANICAL CONSIDERATIONS FOR MOUNTING
The ADXL346 should be mounted on the PCB in a location
close to a hard mounting point of the PCB to the case. Mounting
the ADXL346 at an unsupported PCB location, as shown in
Figure 45, may result in large, apparent measurement errors due
to undampened PCB vibration. Locating the accelerometer near
a hard mounting point ensures that any PCB vibration at the
accelerometer is above the accelerometer’s mechanical sensor
resonant frequency and, therefore, effectively invisible to the
accelerometer. Multiple mounting points, close to the sensor,
and/or a thicker PCB also help to reduce the effect of system
resonance on the performance of the sensor.
MOUNTING POINTS
PCB
ACCELEROMETERS
Figure 45. Incorrectly Placed Accelerometers
TAP DETECTION
The tap interrupt function is capable of detecting either single
or double taps. The following parameters are shown in Figure 46
for a valid single-tap event and a valid double-tap event:
•
The tap detection threshold is defined by the THRESH_TAP
register (Address 0x1D).
•
The maximum tap duration time is defined by the DUR
register (Address 0x21).
•
The tap latency time is defined by the latent register
(Address 0x22) and is the waiting period from the end of
the first tap until the start of the time window when a
second tap can be detected, which is determined by the
value in the window register (Address 0x23).
•
The interval after the latency time (set by the latent register) is
defined by the window register. Although a second tap must
begin after the latency time has expired, it need not finish
before the end of the time defined by the window register.
FIRST TAP
TIME LIMIT FOR
TAPS (DUR)
LATENCY
TIME
(LATENT)
TIME WINDOW FOR
SECOND TAP (WINDOW)
SECOND TAP
SINGLE-TAP
INTERRUPT
DOUBLE-TAP
INTERRUPT
THRESHOLD
(THRESH_TAP)
Figure 46. Tap Interrupt Function with Valid Single and Double Taps
If only the single-tap function is in use, the single-tap interrupt
is triggered when the acceleration goes below the threshold, as
long as DUR has not been exceeded. If both single and double-
tap functions are in use, the single-tap interrupt is triggered
when the double-tap event has been either validated or
invalidated.
Several events can occur to invalidate the second tap of a
double-tap event. First, if the suppress bit in the TAP_AXES
register (Address 0x2A) is set, any acceleration spike above the
threshold during the latency time (set by the latent register)
invalidates the double-tap detection, as shown in Figure 47.
Rev. C | Page 29 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com