Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADXL346ACCZ-R2 Datasheet HTML 1Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 2Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 3Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 4Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
3-Axis, ±2 g/±4 g/±8 g/±16 g
Ultralow Power Digital Accelerometer
Data Sheet
ADXL346
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow power: as low as 23 μA in measurement mode and
0.2 μA in standby mode at VS = 2.6 V (typical)
Power consumption scales automatically with bandwidth
User-selectable resolution
Fixed 10-bit resolution
Full resolution, where resolution increases with g range,
up to 13-bit resolution at ±16 g (maintaining 4 mg/LSB
scale factor in all g ranges)
Embedded memory management system with FIFO
technology minimizes host processor load
Single tap/double tap detection
Activity/inactivity monitoring
Free-fall detection
Concurrent four- and six-position orientation detection
Supply and I/O voltage range: 1.7 V to 2.75 V
SPI (3- and 4-wire) and I2C digital interfaces
Flexible interrupt modes mappable to either interrupt pin
Measurement ranges selectable via serial command
Bandwidth selectable via serial command
Wide temperature range (−40°C to +85°C)
10,000 g shock survival
Pb free/RoHS compliant
Small and thin: 3 mm × 3 mm × 0.95 mm LGA package
APPLICATIONS
Handsets
Medical instrumentation
Gaming and pointing devices
Industrial instrumentation
Personal navigation devices
Hard disk drive (HDD) protection
GENERAL DESCRIPTION
The ADXL346 is a small, thin, ultralow power, 3-axis accelerometer
with high resolution (13-bit) measurement at up to ±16 g. Digital
output data is formatted as 16-bit twos complement and is acces-
sible through either an SPI (3- or 4-wire) or I2C digital interface.
The ADXL346 is well suited for mobile device applications. It
measures the static acceleration of gravity in tilt-sensing appli-
cations, as well as dynamic acceleration resulting from motion
or shock. Its high resolution (4 mg/LSB) enables measurement
of inclination changes of less than 1.0°.
Several special sensing functions are provided. Activity and
inactivity sensing detect the presence or lack of motion by
comparing the acceleration on any axis with user-set thresholds.
Tap sensing detects single and double taps in any direction. Free-
fall sensing detects if the device is falling. Orientation detection
is capable of concurrent four- and six-position sensing and a
user-selectable interrupt on orientation change for 2D or 3D
applications. These functions can be mapped individually to
either of two interrupt output pins. An integrated memory
management system with 32-level first in, first out (FIFO) buffer
can be used to store data to minimize host processor activity and
lower overall system power consumption.
Low power modes enable intelligent motion-based power
management with threshold sensing and active acceleration
measurement at extremely low power dissipation.
The ADXL346 is supplied in a small, thin, 3 mm × 3 mm ×
0.95 mm, 16-lead, plastic package.
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
SENSE
ELECTRONICS
DIGITAL
FILTER
ADXL346
POWER
MANAGEMENT
CONTROL
AND
INTERRUPT
LOGIC
SERIAL I/O
INT1
VS
VDD I/O
INT2
SDA/SDI/SDIO
SDO/ALT
ADDRESS
SCL/SCLK
GND
ADC
32-LEVEL
FIFO
CS
Figure 1.


Similar Part No. - ADXL346ACCZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346ACCZ-RL AD-ADXL346ACCZ-RL Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ-RL7 AD-ADXL346ACCZ-RL7 Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
More results

Similar Description - ADXL346ACCZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
4/12-Revision 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
logo
Analog Devices
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com