Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 35 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 31Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 33Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 34Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 35Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 38Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADXL346
NOISE PERFORMANCE
The specification of noise shown in Table 1 corresponds to the
typical noise performance of the ADXL346 in normal power
operation with an output data rate of 100 Hz (LOW_POWER
bit = 0, rate = 0x0A in the BW_RATE register, Address 0x2C).
For normal power operation at data rates below 100 Hz, the noise
of the ADXL346 is equivalent to the noise at 100 Hz ODR in
LSBs. For data rates greater than 100 Hz, the noise increases
approximately by a factor of √2 per doubling of the data rate.
For example, at 400 Hz ODR, the noise on the x- and y-axes is
typically less than 2 LSB rms, and the noise on the z-axis is
typically less than 3 LSB rms.
For low power operation (LOW_POWER bit = 1 in the BW_RATE
register, Address 0x2C), the noise of the ADXL346 is constant
for all valid data rates shown in Table 8. This value is typically
less than 2.83 LSB rms for the x- and y-axes and typically less
than 4.25 LSB rms for the z-axis.
The trend of noise performance for both normal power and low
power modes of operation of the ADXL346 is shown in Figure 54.
Figure 55 shows the typical Allan deviation for the ADXL346.
The 1/f corner of the device, as shown in this figure, is very low,
allowing absolute resolution of approximately 100 µg (assuming
that there is sufficient integration time). The figure also shows
that the noise density is 420 µg/√Hz for the x- and y-axes and
530 µg/√Hz for the z-axis.
Figure 56 shows the typical noise performance trend of the
ADXL346 over supply voltage. The performance is normalized
to the tested and specified supply voltage, VS = 2.6 V. The x-axis
offers the best noise performance over supply voltage, increasing by
typically less than 25% from nominal at a supply voltage of 1.8 V.
The performance of the y- and z-axes is comparable, with both
axes increasing by typically less than 35% when operating with a
supply voltage of 1.8 V. It should be noted, as shown in Figure 54,
that the noise on the z-axis is typically higher than that on the
y-axis; therefore, although the noise on the z- and y-axes change
roughly the same in percentage over supply voltage, the magnitude
of change on the z-axis is greater than the magnitude of change
on the y-axis.
0
1
2
3
4
6
5
7
OUTPUT DATA RATE (Hz)
X-AXIS, NORMAL POWER
X-AXIS, LOW POWER
Y-AXIS, NORMAL POWER
Y-AXIS, LOW POWER
Z-AXIS, NORMAL POWER
Z-AXIS, LOW POWER
3.13 6.25 12.50
25
50
100
200
400
1600
800
3200
Figure 54. Noise vs. Output Data Rate for Normal and Low Power Modes,
Full Resolution (256 LSB/g)
0.01
0.1
1
10
100
1k
10k
10
100
1k
10k
AVERAGING PERIOD,
(s)
X-AXIS
Y-AXIS
Z-AXIS
Figure 55. Allan Deviation
90
100
110
120
130
140
150
1.6
1.8
2.0
2.2
2.4
2.6
2.8
SUPPLY VOLTAGE, VS (V)
X-AXIS
Y-AXIS
Z-AXIS
Figure 56. Normalized Noise vs. Supply Voltage
Rev. C | Page 35 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com