Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL346ACCZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADXL346ACCZ-R2
Description  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL346ACCZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXL346ACCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL346ACCZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
ADXL346
0
10
20
30
40
50
60
230
240
250
260
270
280
SENSITIVITY (LSB/g)
Figure 16. X-Axis Sensitivity at 25°C, VS = 2.6 V, Full Resolution
0
10
20
30
40
50
60
230
240
250
260
270
280
SENSITIVITY (LSB/g)
Figure 17. Y-Axis Sensitivity at 25°C, VS = 2.6 V, Full Resolution
0
10
20
30
40
50
60
230
240
250
260
270
280
SENSITIVITY (LSB/g)
Figure 18. Z-Axis Sensitivity at 25°C, VS = 2.6 V, Full Resolution
0
10
20
30
40
50
60
230
240
250
260
270
280
SENSITIVITY (LSB/g)
Figure 19. X-Axis Sensitivity at 25°C, VS = 1.8 V, Full Resolution
0
10
20
30
40
50
60
230
240
250
260
270
280
SENSITIVITY (LSB/g)
Figure 20. Y-Axis Sensitivity at 25°C, VS = 1.8 V, Full Resolution
0
10
20
30
40
50
60
230
240
250
260
270
280
SENSITIVITY (LSB/g)
Figure 21. Z-Axis Sensitivity at 25°C, VS = 1.8 V, Full Resolution
Rev. C | Page 9 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com