Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 175Page - STMicroelectronics ST10F280 Datasheet HTML 176Page - STMicroelectronics ST10F280 Datasheet HTML 177Page - STMicroelectronics ST10F280 Datasheet HTML 178Page - STMicroelectronics ST10F280 Datasheet HTML 179Page - STMicroelectronics ST10F280 Datasheet HTML 180Page - STMicroelectronics ST10F280 Datasheet HTML 181Page - STMicroelectronics ST10F280 Datasheet HTML 182Page - STMicroelectronics ST10F280 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 186 page
background image
ST10F280
179/186
20.4.13 - External Bus Arbitration
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF
Note: 1. Partially tested, guaranteed by design characterization.
Notes: 1. The ST10F280 will complete the currently running bus cycle before granting bus access.
2. This is the first possibility for BREQ to become active.
3. The CS outputs will be resistive high (pull-up) after t64.
Symbol
Parameter
Maximum CPU Clock
= 40MHz
Variable CPU Clock
1/2 TCL = 1 to 40MHz
Minimum
Maximum
Minimum
Maximum
t61
SR
HOLD input setup time
to CLKOUT
15
15
ns
t62
CC
CLKOUT to HLDA high
or BREQ low delay
12.5
12.5
ns
t63
CC
CLKOUT to HLDA low
or BREQ high delay
12.5
12.5
ns
t64
CC
CSx release
1
15
15
ns
t65
CC
CSx drive
-4
15
-4
15
ns
t66
CC
Other signals release
1
15
15
ns
t67
CC
Other signals drive
-4
15
-4
15
ns
Figure 89 : External Bus Arbitration, Releasing the Bus
t61
t63
t66
1)
t64
1)
2)
t62
3)
CLKOUT
HOLD
HLDA
BREQ
Others
CSx
(P6.x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com