Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 178Page - STMicroelectronics ST10F280 Datasheet HTML 179Page - STMicroelectronics ST10F280 Datasheet HTML 180Page - STMicroelectronics ST10F280 Datasheet HTML 181Page - STMicroelectronics ST10F280 Datasheet HTML 182Page - STMicroelectronics ST10F280 Datasheet HTML 183Page - STMicroelectronics ST10F280 Datasheet HTML 184Page - STMicroelectronics ST10F280 Datasheet HTML 185Page - STMicroelectronics ST10F280 Datasheet HTML 186Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 183 / 186 page
background image
ST10F280
183/186
21 - PACKAGE MECHANICAL DATA
Figure 93 : Package Outline PBGA 208 (23 x 23 x 1.96 mm)
Dimensions
Millimeters
Inches (approx)
Minimum
Typical
Maximum
Minimum
Typical
Maximum
A
1.960
0.077
A1
0.500
0.600
0.700
0.019
0.024
0.028
A2
1.360
0.054
A3
0.560
0.022
φb
0.600
0.760
0.900
0.024
0.030
0.035
D
22.900
23.000
23.100
0.902
0.906
0.909
D1
20.320
0.800
E
22.900
23.000
23.100
0.902
0.906
0.909
E1
20.320
0.800
e
1.270
0.50
f
1.240
1.340
1.440
0.049
0.053
0.057
aaa
0.150
0.006
A1
E1
φ b (208 + 25 BALLS)
U
T
R
P
N
M
L
K
10 11 12 13 14 15 16 17
67
89
J
G
F
H
E
D
B
A
C
45
123
A1 BALL PAD CORNER 2
f
E
e
e
D1
D
f
A2
A3
C
SEATING
PLANE
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com