Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 177Page - STMicroelectronics ST10F280 Datasheet HTML 178Page - STMicroelectronics ST10F280 Datasheet HTML 179Page - STMicroelectronics ST10F280 Datasheet HTML 180Page - STMicroelectronics ST10F280 Datasheet HTML 181Page - STMicroelectronics ST10F280 Datasheet HTML 182Page - STMicroelectronics ST10F280 Datasheet HTML 183Page - STMicroelectronics ST10F280 Datasheet HTML 184Page - STMicroelectronics ST10F280 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 186 page
background image
ST10F280
181/186
20.4.14 - High-Speed Synchronous Serial Interface (SSC) Timing
20.4.14.1 Master Mode
VCC = 5V ±10%, VSS = 0V, CPU clock = 40MHz, TA = -40 to +125°C, CL = 50pF
Note: 1. Timing guaranteed by design.
The formula for SSC Clock Cycle time is : t300 = 4 TCL * (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC Baud rate register, taken as unsigned 16-bit integer.
Notes: 1. The phase and polarity of shift and latch edge of SCLK is programmable. This figure uses the leading clock edge as shift edge (drawn
in bold), with latch on trailing edge (SSCPH = 0b), Idle clock line is low, leading clock edge is low-to-high transition (SSCPO = 0b).
2. The bit timing is repeated for all bits to be transmitted or received.
Symbol
Parameter
Maximum Baud rate = 10M Baud
(<SSCBR> = 0001h)
Variable Baud rate
(<SSCBR>=0001h-FFFFh)
Unit
Minimum
Maximum
Minimum
Maximum
t300
CC SSC clock cycle time
100
100
8 TCL
262144 TCL
ns
t301
CC SSC clock high time
40
t300/2 - 10
–ns
t302
CC SSC clock low time
40
t300/2 - 10
–ns
t303
CC SSC clock rise time
10
10
ns
t304
CC SSC clock fall time
10
10
ns
t305
CC Write data valid after shift edge
15
15
ns
t306
CC Write data hold after shift edge 1
-2
-2
ns
t307p SR Read data setup time before
latch edge, phase error
detection on (SSCPEN = 1)
37.5
2 TCL + 12.5
ns
t308p SR Read data hold time after latch
edge, phase error detection on
(SSCPEN = 1)
50
4 TCL
ns
t307
SR Read data setup time before
latch edge, phase error
detection off (SSCPEN = 0)
25
2 TCL
ns
t308
SR Read data hold time after latch
edge, phase error detection off
(SSCPEN = 0)
0–
0
ns
Figure 91 : SSC Master Timing
t
303
t
304
t
305
t
305
t
305
t
306
1st Out Bit
Last Out Bit
2nd Out Bit
t
300
t
302
t
301
1)
2)
t
307
2nd.In Bit
1st.In Bit
t
308
t
307
Last.In Bit
t
308
SCLK
MTSR
MRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com