Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 34Page - Renesas Technology Corp M32C/8A Datasheet HTML 35Page - Renesas Technology Corp M32C/8A Datasheet HTML 36Page - Renesas Technology Corp M32C/8A Datasheet HTML 37Page - Renesas Technology Corp M32C/8A Datasheet HTML 38Page - Renesas Technology Corp M32C/8A Datasheet HTML 39Page - Renesas Technology Corp M32C/8A Datasheet HTML 40Page - Renesas Technology Corp M32C/8A Datasheet HTML 41Page - Renesas Technology Corp M32C/8A Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 372 page
background image
M32C/8A Group
3. Memory
Rev.1.00
Jul 15, 2007
Page 21 of 352
REJ09B0385-0100
3.
Memory
Figure 3.1 is a memory map of the M32C/8A Group.
The M32C/8A Group has 16-Mbyte address space from addresses 000000h to FFFFFFh.
The fixed interrupt vectors are allocated addresses FFFFDCh to FFFFFFh. They store the starting address of each
interrupt routine. Refer to 11. Interrupts for details.
The internal RAM is allocated higher addresses, beginning with address 000400h. For example, a 12-Kbyte internal
RAM area is allocated addresses 000400h to 0033FFh. The internal RAM is used not only for storing data but for the
stacks when subroutines are called or when interrupt requests are acknowledged.
SFRs are allocated address 000000h to 0003FFh. The peripheral function control registers such as for I/O ports, A/D
converters, serial interfaces, timers are allocated here. All blank spaces within SFRs are reserved and cannot be
accessed by users.
The special page vectors are allocated addresses FFFE00h to FFFFDBh. They are used for the JMPS instruction and
JSRS instruction. Refer to the Renesas publication M32C/80 Series Software Manual for details.
Figure 3.1
Memory Map
NOTE:
1. The watchdog timer interrupt, oscillation stop detection interrupt , and Vdet4 detection interrupt use the same vector.
FFFFFFh
Special page
vector table
FFFFDCh
FFFE00h
Reset
Address match
BRK instruction
Overflow
Undefined instruction
NMI
Watchdog timer(1)
000000h
SFR
Internal RAM
Reserved
External Space
000400h
XXXXXXh
010000h
FFFFFFh
Internal RAM
XXXXXXh
0033FFh
Capacity
12 Kbytes
0063FFh
24 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com