Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 51Page - Renesas Technology Corp M32C/8A Datasheet HTML 52Page - Renesas Technology Corp M32C/8A Datasheet HTML 53Page - Renesas Technology Corp M32C/8A Datasheet HTML 54Page - Renesas Technology Corp M32C/8A Datasheet HTML 55Page - Renesas Technology Corp M32C/8A Datasheet HTML 56Page - Renesas Technology Corp M32C/8A Datasheet HTML 57Page - Renesas Technology Corp M32C/8A Datasheet HTML 58Page - Renesas Technology Corp M32C/8A Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 372 page
background image
M32C/8A Group
6. Power Supply Voltage Detection Function
Rev.1.00
Jul 15, 2007
Page 38 of 352
REJ09B0385-0100
Figure 6.2
VCR1 Register, VCR2 Register
b7
0
0
0
0
0
b6 b5 b4
b1
b2
b3
Voltage Detection Register 1
Symbol
VCR1
Address
001Bh
Bit Symbol
Bit Name
RW
−
(b2-b0)
After Reset
0000 1000b
RW
b0
Function
RO
NOTE:
1. The VC13 bit is enabled when the VC27 bit in the VCR2 register is set to 1 (Vdet4 detection function used).
The VC13 bit becomes 1 when the VC27 bit is set to 0 (Vdet4 detection function not used).
VC13
Voltage change monitor flag(1)
0: VCC1 < Vdet4
1: VCC1
≥ Vdet4
−
(b7-b4)
Reserved bits
Set to 0
RW
0 0
Reserved bits
Set to 0
b7
0
0
0
0
0
0
b6 b5 b4
b1
b2
b3
Voltage Detection Register 2(1)
Symbol
VCR2
Address
0017h
Bit Symbol
Bit Name
RW
−
(b5-b0)
After Reset
00h
RW
b0
Function
RW
VC26
Vdet3 detection function
select bit(2, 4, 5)
0: Vdet3 detection function not used
1: Vdet3 detection function used
VC27
Vdet4 detection function
select bit(3, 4)
0: Vdet4 detection function not used
1: Vdet4 detection function used
RW
Reserved bits
Set to 0
NOTES:
1. Set the VCR2 register after the PRC3 bit in the PRCR register is set to 1 (write enable).
2. To use the hardware reset 2 (Vdet3 detection function), set the VC26 bit to 1.
3. To use the Vdet4 detection function, set the VC27 bit to 1 and the D40 bit in the D4INT register to 1 (Vdet4 detection interrupt
used). The VC13 bit in the VCR1 register and the D42 bit in the D4INT register are enabled when the VC27 bit is set to 1.
4. After the VC26 or VC27 bit is set to 1, the detection circuit waits for td(E-A) to elapse before starting operation.
5. The VC26 bit is disabled when the MCU is in stop mode. (The hardware reset 2 is not performed even if the voltage applied to
the VCC1 pin drops below Vdet3.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com