Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 39Page - Renesas Technology Corp M32C/8A Datasheet HTML 40Page - Renesas Technology Corp M32C/8A Datasheet HTML 41Page - Renesas Technology Corp M32C/8A Datasheet HTML 42Page - Renesas Technology Corp M32C/8A Datasheet HTML 43Page - Renesas Technology Corp M32C/8A Datasheet HTML 44Page - Renesas Technology Corp M32C/8A Datasheet HTML 45Page - Renesas Technology Corp M32C/8A Datasheet HTML 46Page - Renesas Technology Corp M32C/8A Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 372 page
background image
M32C/8A Group
4. Special Function Registers (SFRs)
Rev.1.00
Jul 15, 2007
Page 26 of 352
REJ09B0385-0100
Table 4.5
SFR Address Map (5)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
02C0h
X0 Register, Y0 Register
X0R, Y0R
XXXXh
02C1h
02C2h
X1 Register, Y1 Register
X1R, Y1R
XXXXh
02C3h
02C4h
X2 Register, Y2 Register
X2R, Y2R
XXXXh
02C5h
02C6h
X3 Register, Y3 Register
X3R, Y3R
XXXXh
02C7h
02C8h
X4 Register, Y4 Register
X4R, Y4R
XXXXh
02C9h
02CAh
X5 Register, Y5 Register
X5R, Y5R
XXXXh
02CBh
02CCh
X6 Register, Y6 Register
X6R, Y6R
XXXXh
02CDh
02CEh
X7 Register, Y7 Register
X7R, Y7R
XXXXh
02CFh
02D0h
X8 Register, Y8 Register
X8R, Y8R
XXXXh
02D1h
02D2h
X9 Register, Y9 Register
X9R, Y9R
XXXXh
02D3h
02D4h
X10 Register, Y10 Register
X10R, Y10R
XXXXh
02D5h
02D6h
X11 Register, Y11 Register
X11R, Y11R
XXXXh
02D7h
02D8h
X12 Register, Y12 Register
X12R, Y12R
XXXXh
02D9h
02DAh
X13 Register, Y13 Register
X13R, Y13R
XXXXh
02DBh
02DCh
X14 Register, Y14 Register
X14R, Y14R
XXXXh
02DDh
02DEh
X15 Register, Y15 Register
X15R, Y15R
XXXXh
02DFh
02E0h
X/Y Control Register
XYC
XXXX XX00b
02E1h
02E2h
02E3h
02E4h
UART1 Special Mode Register 4
U1SMR4
00h
02E5h
UART1 Special Mode Register 3
U1SMR3
00h
02E6h
UART1 Special Mode Register 2
U1SMR2
00h
02E7h
UART1 Special Mode Register
U1SMR
00h
02E8h
UART1 Transmit/Receive Mode Register
U1MR
00h
02E9h
UART1 Baud Rate Register
U1BRG
XXh
02EAh
UART1 Transmit Buffer Register
U1TB
XXXXh
02EBh
02ECh
UART1 Transmit/Receive Control Register 0
U1C0
0000 1000b
02EDh
UART1 Transmit/Receive Control Register 1
U1C1
0000 0010b
02EEh
UART1 Receive Buffer Register
U1RB
XXXXh
02EFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com