Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 83Page - Renesas Technology Corp M32C/8A Datasheet HTML 84Page - Renesas Technology Corp M32C/8A Datasheet HTML 85Page - Renesas Technology Corp M32C/8A Datasheet HTML 86Page - Renesas Technology Corp M32C/8A Datasheet HTML 87Page - Renesas Technology Corp M32C/8A Datasheet HTML 88Page - Renesas Technology Corp M32C/8A Datasheet HTML 89Page - Renesas Technology Corp M32C/8A Datasheet HTML 90Page - Renesas Technology Corp M32C/8A Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 70 of 352
REJ09B0385-0100
Figure 9.1
Clock Generation Circuit
WAIT instruction
S
R Q
PLL frequency
synthesizer
On-chip
oscillator
Enable oscillation
CM17 CM21
Divider
(divide-by-m)
CM04
XCIN
XCOUT
Sub clock oscillation circuit
XIN
XOUT
Main clock oscillation circuit
1/8
1/4
fROC
1/2n
fAD
f1
f8
f32
f2n(1)
PM27~PM26
CST
Peripheral function
clock source: fPFC
fXIND
fROC
1/32
fC32
CPSR=1
CPU clock
(bus clock)
fCPU
CM05
PM26
fXIND
VC27
CM07
Stop mode
PM26
PM27
PM22
CM21
Stop mode
CM02
PM21
Clock stop signal
in wait mode
Clock stop signal
in wait mode
Stop mode
Software reset
Watchdog timer reset
Hardware reset 2
Reset the
divider (divide-
by-8 mode)
Main clock
Clock stop signal in wait mode
CM05
CM21
CM10
Clock stop signal
in wait mode
Stop mode
Interrupt request level
determination output
RESET
Vdet4 detection
interrupt signal
NMI
S Q
R
Logic 1 write signal
to CM10 bit
Reset the divider
fC
fPLL
0
1
0
1
0
1
00
01
10
VC27: bit in the VCR2 register
CM02, CM04, CM05, and CM07: bits in the CM0 register
CM10 and CM17: bits in the CM1 register
CM21: bit in the CM2 regsiter
PM21, PM22, PM26, and PM27: bits in the PM2 register
CST: bit in the TCSPR register
CPSR: bit in the CPSRF register
NOTES:
1. Bits CNT3 to CNT0 in the TCSPR register select no division (n = 0) or divide-by-2n (n = 1 to 15).
2. Bits MCD4 to MCD0 in the MCD register select the dividing ratio (divide-by-m mode: m = 1, 2, 3, 4, 6, 8, 10, 12, 14, 16).
Programmable
counter
Reference
frequency counter
Phase
comparator
1/2
PLL clock (fPLL)
PLC12: bit in the PLC1 register
VCO clock (fVCO)
PLL frequency synthesizer
Charge
pump
Voltage
controlled
oscillator
(VCO)
PLC12
1/3
Watchdog timer
interrupt request signal
Oscillation stop detection
interrupt request
(non-maskable interrupt requst)
CM21
Vdet4 detection
interrupt request signal
Oscillation stop detection circuit
Clock edge detect/
charge and discharge
circuit control
Main clock
Charge and
discharge circuit
Oscillation stop detection
interrupt request
generation circuit
Main clock
MCD register(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com