Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 95Page - Renesas Technology Corp M32C/8A Datasheet HTML 96Page - Renesas Technology Corp M32C/8A Datasheet HTML 97Page - Renesas Technology Corp M32C/8A Datasheet HTML 98Page - Renesas Technology Corp M32C/8A Datasheet HTML 99Page - Renesas Technology Corp M32C/8A Datasheet HTML 100Page - Renesas Technology Corp M32C/8A Datasheet HTML 101Page - Renesas Technology Corp M32C/8A Datasheet HTML 102Page - Renesas Technology Corp M32C/8A Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 82 of 352
REJ09B0385-0100
Table 9.3
Bit Settings to Use PLL Clock as CPU Clock Source
Figure 9.12
Procedure to Use PLL Clock as CPU Clock Source
Multiplication
factor
PLC0 Register
PLC1 Register
PLL Clock
PLC02 bit
PLC01 bit
PLC00 bit
PLC12 bit
2
011
1
fPLL = 2 × fXIN
3
0
fPLL = 3 × fXIN
8/3
100
1
fPLL = 8/3 × fXIN
4
0
fPLL = 4 × fXIN
Start
End
Set registers PLC0 and PLC1
PRCR register: PRC0 bit = 1
PLC0 register: PLC07 bit = 1
CM1 register : CM17 bit = 1
PRC0 bit = 0
Wait for tsu(PLL)
Enable writing to registers associated with clocks
CM2 register: CM21 bit = 0
CM0 register: CM07 bit = 0
Select the main clock as the CPU clock source
(※Set after a main clock oscillation stabilizes)
Select the multiplication factor for the PLL clock
(※Set registers PLC0 and PLC1 simultaneously in 16-bit units)
  PLC1
PLC0
Multiplication factor for PLL clock
00000010 01010011b
× 6/2 = 3
00000010 01010100b
× 8/2 = 4
00000110 01010011b
× 6/3 = 2
00000110 01010100b
× 8/3 = 2.66
PLL runs
Select the PLL clock as the clock source for the CPU clock
and peripheral function clock
Disable writing to registers associated with clocks
Wait for PLL frequency synthesizer to stabilize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com