Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 99Page - Renesas Technology Corp M32C/8A Datasheet HTML 100Page - Renesas Technology Corp M32C/8A Datasheet HTML 101Page - Renesas Technology Corp M32C/8A Datasheet HTML 102Page - Renesas Technology Corp M32C/8A Datasheet HTML 103Page - Renesas Technology Corp M32C/8A Datasheet HTML 104Page - Renesas Technology Corp M32C/8A Datasheet HTML 105Page - Renesas Technology Corp M32C/8A Datasheet HTML 106Page - Renesas Technology Corp M32C/8A Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 86 of 352
REJ09B0385-0100
9.5.1.1
Main Clock Mode
The main clock divided by 1 (no division), 2, 3, 4, 6, 8, 10, 12, 14, or 16 is used as the source for the CPU clock.
The main clock is also used as the source for fPFC. When the sub clock is running, fC32 can be used as the
count source for timer A and timer B.
9.5.1.2
PLL Mode
The PLL clock divided by 1 (no division), 2, 3, 4, 6, 8, 10, 12, 14, or 16 is used as the source for the CPU clock.
The PLL clock is also used as the source for fPFC. When the sub clock is running, fC32 can be used as the
count source for timer A and timer B.
9.5.1.3
Low-Speed Mode
The sub clock is used as the source for the CPU clock. The main clock, PLL clock, or on-chip oscillator clock is
used as the source for fPFC. fC32 can be used as the count source for timer A and timer B.
9.5.1.4
Low-Power Consumption Mode
The MCU enters low-power consumption mode when the main clock stops in low-speed mode. The sub clock is
used as the source for the CPU clock, and the on-chip oscillator clock is used as the source for fPFC. fC32 can
be used as the count source for timer A and timer B. In low-power consumption mode, bits MCD4 to MCD0 in
the MCD register become 01000b (divide-by-8 mode). Therefore, next time the CPU clock source is switched
to the main clock, the CPU clock is the main clock divided by eight.
9.5.1.5
On-Chip Oscillator Mode
The on-chip oscillator clock divided by 1 (no division), 2, 3, 4, 6, 8, 10, 12, 14, or 16 is used as the source for
the CPU clock. The on-chip oscillator clock is also used as the source for fPFC. When the sub clock is running,
fC32 can be used as the count source for timer A and timer B.
9.5.1.6
On-Chip Oscillator Low-power Consumption Mode
The MCU enters on-chip oscillator low-power consumption mode when the main clock stops in on-chip
oscillator mode. The on-chip oscillator clock divided by 1 (no division), 2, 3, 4, 6, 8, 10, 12, 14, or 16 is used as
the source for the CPU clock. The on-chip oscillator clock is also used as the source for fPFC. When the sub
clock is running, fC32 can be used as the count source for timer A and timer B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com