Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 11Page - Renesas Technology Corp M32C/8A Datasheet HTML 12Page - Renesas Technology Corp M32C/8A Datasheet HTML 13Page - Renesas Technology Corp M32C/8A Datasheet HTML 14Page - Renesas Technology Corp M32C/8A Datasheet HTML 15Page - Renesas Technology Corp M32C/8A Datasheet HTML 16Page - Renesas Technology Corp M32C/8A Datasheet HTML 17Page - Renesas Technology Corp M32C/8A Datasheet HTML 18Page - Renesas Technology Corp M32C/8A Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 372 page
background image
B - 2
Blank spaces are reserved. No access is allowed.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
Page
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
DMA1 Interrupt Control Register
DM1IC
103
0089h
UART2 Transmit/NACK Interrupt Control
Register
S2TIC
008Ah
DMA3 Interrupt Control Register
DM3IC
008Bh
UART3 Transmit/NACK Interrupt Control
Register
S3TIC
008Ch
Timer A1 Interrupt Control Register
TA1IC
008Dh
UART4 Transmit/NACK Interrupt Control
Register
S4TIC
008Eh
Timer A3 Interrupt Control Register
TA3IC
008Fh
UART2 Bus Conflict Detection Interrupt
Control Register
BCN2IC
0090h
UART0 Transmit/NACK Interrupt Control
Register
S0TIC
0091h
UART1/UART4 Bus Conflict Detection
Interrupt Control Register
BCN1IC/
BCN4IC
0092h
UART1 Transmit Complete Interrupt Control
Register
S1TIC
0093h
Key Input Interrupt Control Register
KUPIC
0094h
Timer B0 Interrupt Control Register
TB0IC
0095h
0096h
Timer B2 Interrupt Control Register
TB2IC
103
0097h
II/O Interrupt Control Register 3/
CAN2 Interrupt Control Register 1
IIO3IC/
CAN21IC
0098h
Timer B4 Interrupt Control Register
TB4IC
103
0099h
009Ah
INT4 Interrupt Control Register
INT4IC
104
009Bh
009Ch
INT2 Interrupt Control Register
INT2IC
104
009Dh
103
009Eh
INT0 Interrupt Control Register
INT0IC
104
009Fh
Exit Priority Register
RLVL
105, 134
00A0h
00A1h
00A2h
00A3h
00A4h
00A5h
00A6h
00A7h
00A8h
00A9h
00AAh
00ABh
00ACh
00ADh
00AEh
00AFh
00B0h
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
00B9h
00BAh
00BBh
00BCh
00BDh
00BEh
00BFh
to
02BFh
Address
Register
Symbol
Page
02C0h
X0 Register, Y0 Register
X0R, Y0R
276
02C1h
02C2h
X1 Register, Y1 Register
X1R
, Y1R
02C3h
02C4h
X2 Register, Y2 Register
X2R
, Y2R
02C5h
02C6h
X3 Register, Y3 Register
X3R
, Y3R
02C7h
02C8h
X4 Register, Y4 Register
X4R
, Y4R
02C9h
02CAh
X5 Register, Y5 Register
X5R
, Y5R
02CBh
02CCh
X6 Register, Y6 Register
X6R
, Y6R
02CDh
02CEh
X7 Register, Y7 Register
X7R
, Y7R
02CFh
02D0h
X8 Register, Y8 Register
X8R
, Y8R
02D1h
02D2h
X9 Register, Y9 Register
X9R
, Y9R
02D3h
02D4h
X10 Register, Y10 Register
X10R
,
Y10R
02D5h
02D6h
X11 Register, Y11 Register
X11R
,
Y11R
02D7h
02D8h
X12 Register, Y12 Register
X12R
,
Y12R
02D9h
02DAh
X13 Register, Y13 Register
X13R
,
Y13R
02DBh
02DCh
X14 Register, Y14 Register
X14R
,
Y14R
02DDh
02DEh
X15 Register, Y15 Register
X15R
,
Y15R
02DFh
02E0h
X/Y Control Register
XYC
276
02E1h
02E2h
02E3h
02E4h
UART1 Special Mode Register 4
U1SMR4
202
02E5h
UART1 Special Mode Register 3
U1SMR3
201
02E6h
UART1 Special Mode Register 2
U1SMR2
200
02E7h
UART1 Special Mode Register
U1SMR
199
02E8h
UART1 Transmit/Receive Mode Register
U1MR
198
02E9h
UART1 Baud Rate Register
U1BRG
204
02EAh
UART1 Transmit Buffer Register
U1TB
206
02EBh
02ECh
UART1 Transmit/Receive Control Register 0
U1C0
203
02EDh
UART1 Transmit/Receive Control Register 1
U1C1
204
02EEh
UART1 Receive Buffer Register
U1RB
206
02EFh
02F0h
02F1h
02F2h
02F3h
02F4h
UART4 Special Mode Register 4
U4SMR4
202
02F5h
UART4 Special Mode Register 3
U4SMR3
201
02F6h
UART4 Special Mode Register 2
U4SMR2
200
02F7h
UART4 Special Mode Register
U4SMR
199
02F8h
UART4 Transmit/Receive Mode Register
U4MR
198
02F9h
UART4 Baud Rate Register
U4BRG
204
02FAh
UART4 Transmit Buffer Register
U4TB
206
02FBh
02FCh
UART4 Transmit/Receive Control Register 0
U4C0
203
02FDh
UART4 Transmit/Receive Control Register 1
U4C1
204
02FEh
UART4 Receive Buffer Register
U4RB
206
02FFh
0300h
Timer B3, B4, B5 Count Start Flag
TBSR
171
0301h
0302h
Timer A11 Register
TA11
187
0303h
0304h
Timer A21 Register
TA21
0305h
0306h
Timer A41 Register
TA41
0307h
0308h
Three-Phase PWM Control Register 0
INVC0
180
0309h
Three-Phase PWM Control Register 1
INVC1
181
030Ah
Three-Phase Output Buffer Register 0
IDB0
187
030Bh
Three-Phase Output Buffer Register 1
IDB1
187
030Ch
Dead Time Timer
DTT
186
030Dh
Timer B2 Interrupt Generation Frequency Set
Counter
ICTB2
185
030Eh
030Fh
Special Function Register (SFR) Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com