Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 54Page - Renesas Technology Corp M32C/8A Datasheet HTML 55Page - Renesas Technology Corp M32C/8A Datasheet HTML 56Page - Renesas Technology Corp M32C/8A Datasheet HTML 57Page - Renesas Technology Corp M32C/8A Datasheet HTML 58Page - Renesas Technology Corp M32C/8A Datasheet HTML 59Page - Renesas Technology Corp M32C/8A Datasheet HTML 60Page - Renesas Technology Corp M32C/8A Datasheet HTML 61Page - Renesas Technology Corp M32C/8A Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 372 page
background image
M32C/8A Group
6. Power Supply Voltage Detection Function
Rev.1.00
Jul 15, 2007
Page 41 of 352
REJ09B0385-0100
6.1
Vdet3 Detection Function
The hardware reset 2 is performed if the voltage applied to the VCC1 pin drops to Vdet3 (V) or below.
Set the VC26 bit in the VCR2 register to 1 to use this Vdet3 detection function.
When the hardware reset 2 occurs, ports and I/O pins for peripheral functions are reset. The CPU and SFRs are
reset when td(S-R) elapses after the voltage applied to the VCC1 pin reaches Vdet3r (V) or above. Then, the MCU
executes a program in an address indicated by the reset vector. The states of pins and SFRs after reset are the same
as the hardware reset 1.
Use the Vdet3 detection function while operating at or above Vdet3s. If the applied voltage drops below Vdet3s,
perform the hardware reset 1 (refer to 5.1.1 Reset at a Stable Supply Voltage). The Vdet3 detection function
cannot be used while the MCU is in stop mode.
Figure 6.5 shows a Vdet3 detection function operation example.
Figure 6.5
Vdet3 Detection Function Operation Example
VSS
VCC1
RESET
Set to 1 (Vdet3 detection function used) by program.
NOTES:
1. Typical value.
2. Minimum value.
5.0 V
5.0 V
Vdet3r
Vdet3
Vdet3s
2.0V(2)
Undefined
VC26 bit in the
VCR2 register
Internal reset signal
3.0 V(1)
3.1 V(1)
“H”
“L”
“1”
“0”
“H”
“L”
Wait time to release
hardware reset 2: td(S-R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com