Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 87Page - Renesas Technology Corp M32C/8A Datasheet HTML 88Page - Renesas Technology Corp M32C/8A Datasheet HTML 89Page - Renesas Technology Corp M32C/8A Datasheet HTML 90Page - Renesas Technology Corp M32C/8A Datasheet HTML 91Page - Renesas Technology Corp M32C/8A Datasheet HTML 92Page - Renesas Technology Corp M32C/8A Datasheet HTML 93Page - Renesas Technology Corp M32C/8A Datasheet HTML 94Page - Renesas Technology Corp M32C/8A Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 74 of 352
REJ09B0385-0100
Figure 9.5
CM2 Register
b7
0
0
0
0
b6 b5 b4
b1
b2
b3
Oscillation Stop Detection Register(1)
Symbol
CM2
Address
000Dh
Bit Symbol
Bit Name
RW
CM20
After Reset
00h
NOTES:
1. Set the CM2 register after the PRC0 bit in the PRCR register is set to 1 (write enable).
2. If the PM21 bit in the PM2 register is set to 1 (disables a clock change), a write to the CM20 bit has no effect.
3. When a loss of the main clock is detected while the CM20 bit is set to 1, the CM21 bit becomes 1.
Although the main clock restarts oscillating, the CM21 bit does not become 0. To use the main clock as the CPU clock source
after the main clock restarts oscillating, set the CM21 bit to 0 by program.
4. When both the CM20 and CM22 bits are set to 1, do not set the CM21 bit to 0.
5. When a loss of the main clock is detected, the CM22 bit becomes 1. The CM22 bit can only be set to 0, not 1, by program.
If the CM22 bit is set to 0 by program while the main clock is stopped, the CM22 bit does not become 1 until another loss of the
main clock is detected after the main clock restarts oscillating.
6. Determine the main clock state by reading the CM23 bit several times after the oscillation stop detection interrupt is generated.
b0
Function
Oscillation stop detection
enable bit(2)
CM21
CM22
CPU clock select bit 2(3, 4)
0: Oscillation stop detect function not used
1: Oscillation stop detect function used
CM23
−
(b7-b4)
Reserved bits
Set to 0
RW
Oscillation stop detection flag(5)
Main clock monitor flag(6)
RO
RW
RW
RW
0: Clock selected by the CM17 bit
1: On-chip oscillator clock
0: Loss of main clock not detected
1: Loss of main clock detected
0: Main clock oscillates
1: Main clock stops



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com