Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 80Page - Renesas Technology Corp M32C/8A Datasheet HTML 81Page - Renesas Technology Corp M32C/8A Datasheet HTML 82Page - Renesas Technology Corp M32C/8A Datasheet HTML 83Page - Renesas Technology Corp M32C/8A Datasheet HTML 84Page - Renesas Technology Corp M32C/8A Datasheet HTML 85Page - Renesas Technology Corp M32C/8A Datasheet HTML 86Page - Renesas Technology Corp M32C/8A Datasheet HTML 87Page - Renesas Technology Corp M32C/8A Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 372 page
background image
M32C/8A Group
8. Bus
Rev.1.00
Jul 15, 2007
Page 67 of 352
REJ09B0385-0100
Figure 8.13
PWCR1 Register
Symbol
PWCR1
Address
004Dh
After Reset
0001 0001b
b7 b6 b5 b4
b1
b2
b3
Page Mode Wait Control Register 1
Bit Symbol
Bit Name
RW
PWCR100
NOTE:
1. When page mode control is enabled, set the EWCRi6 bit in the EWCRi register (i = 0 to 3) to 0 (add no recovery
cycle when accessing external space i ).
b0
Function
External space 2
subsequent access
wait select bits
PWCR101
PWCR102
b2 b1 b0
0 0 1: 1φ + 1φ
0 1 0: 1φ + 2φ
0 1 1: 1φ + 3φ
1 0 0: 1φ + 4φ
Do not set to values other than the above.
PWCR103
PWCR105
RW
PWCR104
PWCR106
PWCR107
External space 2
page mode control enable bit
0: Page mode control disabled
1: Page mode control enabled(1)
External space 3
subsequent access
wait select bits
b6 b5 b4
0 0 1: 1φ + 1φ
0 1 0: 1φ + 2φ
0 1 1: 1φ + 3φ
1 0 0: 1φ + 4φ
Do not set to values other than the above.
External space 3
page mode control enable bit
0: Page mode control disabled
1: Page mode control enabled(1)
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com