Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 61Page - Renesas Technology Corp M32C/8A Datasheet HTML 62Page - Renesas Technology Corp M32C/8A Datasheet HTML 63Page - Renesas Technology Corp M32C/8A Datasheet HTML 64Page - Renesas Technology Corp M32C/8A Datasheet HTML 65Page - Renesas Technology Corp M32C/8A Datasheet HTML 66Page - Renesas Technology Corp M32C/8A Datasheet HTML 67Page - Renesas Technology Corp M32C/8A Datasheet HTML 68Page - Renesas Technology Corp M32C/8A Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 372 page
background image
M32C/8A Group
7. Processor Mode
Rev.1.00
Jul 15, 2007
Page 48 of 352
REJ09B0385-0100
Figure 7.3
Memory Map in Microprocessor Mode
CS area controlled by the EWCRi register:
CS0 controlled by EWCR3
CS1 controlled by EWCR0
CS2 controlled by EWCR1
CS3 controlled by EWCR2
NOTES:
1. 200000h to 010000h = 1984 Kbytes. 64K bytes less than 2 Mbytes.
2. 400000h to 010000h = 4032 Kbytes. 64K bytes less than 4 Mbytes.
000000h
000400h
C00000h
D00000h
E00000h
F00000h
FFFFFFh
010000h
100000h
200000h
300000h
400000h
SFR
Internal RAM
External space 3
External space 2
SFR
Internal RAM
Not used
CS0
2-Mbyte
external space 3
Not used
SFR
Internal RAM
Not used
CS0
4-Mbyte
external space 3
SFR
Internal RAM
Not used
CS3 1-Mbyte 
external space 2
Not used
CS0 1-Mbyte 
external space 3
Mode 0
Mode 1
Mode 2
Mode 3
External space 0
External space 1
CS1
2-Mbyte
external space 0(1)
CS2
2-Mbyte
external space 1
CS1
4-Mbyte
external space 0(2)
Not used
CS1 1-Mbyte 
external space 0
CS2 1-Mbyte 
external space 1
Reserved
Reserved
Reserved
Reserved
Microprocessor mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com