Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 59Page - Renesas Technology Corp M32C/8A Datasheet HTML 60Page - Renesas Technology Corp M32C/8A Datasheet HTML 61Page - Renesas Technology Corp M32C/8A Datasheet HTML 62Page - Renesas Technology Corp M32C/8A Datasheet HTML 63Page - Renesas Technology Corp M32C/8A Datasheet HTML 64Page - Renesas Technology Corp M32C/8A Datasheet HTML 65Page - Renesas Technology Corp M32C/8A Datasheet HTML 66Page - Renesas Technology Corp M32C/8A Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 372 page
background image
M32C/8A Group
7. Processor Mode
Rev.1.00
Jul 15, 2007
Page 46 of 352
REJ09B0385-0100
Figure 7.1
PM0 Register
b7
1
1
b6 b5 b4
b1
b2
b3
Processor Mode Register 0(1)
Symbol
PM0
Address
0004h
Bit Symbol
Bit Name
RW
PM00
After Reset
0000 0011b (CNVSS = "H")
RW
b0
Function
Processor mode bits(2)
PM01
RW
b1 b0
1 1: Microprocessor mode
Do not set to values other than the above.
PM02
R/W mode select bit
0: RD/BHE/WR
1: RD/WRH/WRL
PM03
Software reset bit
The MCU is reset when this bit is set to 1.
Read as 0.
PM04
PM05
Reserved bit
Set to 0
Multiplexed bus space
select bits(3)
b5 b4
0 0: Multiplexed bus is not used
0 1: Access the CS2 area using multiplexed bus
1 0: Access the CS1 area using multiplexed bus
1 1: Do not set to this value.
ー
(b6)
RW
RW
RW
0
RW
RW
BCLK output function select bit
0: BCLK output (4)
1: No BCLK output
PM07
RW
NOTES:
1. Set the PM0 register after the PRC1 bit in the PRCR register is set to 1 (write enable).
2. Bits PM01 and PM00 maintain values set before reset, even after software reset or watchdog timer reset has performed.
3. The PM05 and PM04 bits setting is enabled in microprocessor mode. Set these bits in the combination with bits PM11 and PM10
in the PM 1 register. Refer to the Table "Multiplexed Bus Settings and Chip-Select Areas" in the Bus chapter.
4. To output BCLK from P5_3 in microprocessor mode, set the PM07 bit to 0, bits CM01 and CM00 in the CM0 register to "00b" (I/O
port P5_3), and bits PM15 and PM14 in the PM1 register to 00b, 10b, or 11b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com