Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 50Page - Renesas Technology Corp M32C/8A Datasheet HTML 51Page - Renesas Technology Corp M32C/8A Datasheet HTML 52Page - Renesas Technology Corp M32C/8A Datasheet HTML 53Page - Renesas Technology Corp M32C/8A Datasheet HTML 54Page - Renesas Technology Corp M32C/8A Datasheet HTML 55Page - Renesas Technology Corp M32C/8A Datasheet HTML 56Page - Renesas Technology Corp M32C/8A Datasheet HTML 57Page - Renesas Technology Corp M32C/8A Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 372 page
background image
M32C/8A Group
6. Power Supply Voltage Detection Function
Rev.1.00
Jul 15, 2007
Page 37 of 352
REJ09B0385-0100
6.
Power Supply Voltage Detection Function
The power supply voltage detection function has the Vdet3 detection function, Vdet4 detection function, and cold
start/warm start determination function. The Vdet3 detection function and Vdet4 detection function detect the changes
in voltage and trigger the events. The cold start/warm start determination function determines whether the MCU is
reset at power-on or reset while running.
The power supply voltage detection function is available only with VCC1 = 4.2V to 5.5V standard.
Figure 6.1 shows a block diagram of the voltage detection circuit. Figures 6.2 to 6.4 show voltage detection-associated
registers.
Figure 6.1
Power Supply Voltage Detection Function Block Diagram
CPU clock
1/2
Digital filter
Watchdog timer
interrupt signal
Vdet4 detection
interrupt signal
Oscillation stop
detection
interrupt signal
Watchdog timer
interrupt request
Vdet3 detection fucntion
00b
01b
10b
11b
DF1 to DF0
1/2
1/2
1/8
(rejection range: 200 ns)
D40
D42 bit
CM10: bit in the CM1 register
VC13: bit in the VCR1 register
VC26, VC27: bits in the VCR2 register
DF1 and DF0, D40, D41, D42: bits in the D4INT register
WDC5: bit in the WDC register
NOTE:
1. When the VC27 bit in the VCR2 register is set to 0 (Vdet4 detection function not used), the Vdet4 detection signal becomes "H".
WDC5
S
R
Q
Write a given value to
the WDC register
COLD/WARM
(Cold start, warm start)
Hardware reset 1
at power-on
E
+
1 shot
T
Analog Filter
Internal reset signal
(active "L")
Wait time to release hardware reset 2:
td(S-R)
Q
VCC1
VC26
VC27
Vdet4 detection signal(1)
E
+
VC13
Cold start/warm start determination function
Vdet4 detection function
CM10
Latch
CM10
WAIT instruction (wait mode)
D41
≥Vdet3
≥Vdet3
Output one-shot pulse when the
D42 bit becomes 0 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com