Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 86Page - Renesas Technology Corp M32C/8A Datasheet HTML 87Page - Renesas Technology Corp M32C/8A Datasheet HTML 88Page - Renesas Technology Corp M32C/8A Datasheet HTML 89Page - Renesas Technology Corp M32C/8A Datasheet HTML 90Page - Renesas Technology Corp M32C/8A Datasheet HTML 91Page - Renesas Technology Corp M32C/8A Datasheet HTML 92Page - Renesas Technology Corp M32C/8A Datasheet HTML 93Page - Renesas Technology Corp M32C/8A Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 73 of 352
REJ09B0385-0100
Figure 9.4
MCD Register
b7 b6 b5 b4
b1
b2
b3
Main Clock Division Register(1)
Symbol
MCD
Address
000Ch
Bit Symbol
Bit Name
RW
MCD0
After Reset
XXX0 1000b
NOTES:
1. Set the MCD register after the PRC0 bit in the PRCR register is set to 1 (write enable).
2. When stop mode or low-power consumption mode is entered, bits MCD4 to MCD0 become 01000b.
In on-chip oscillator mode, bits MCD4 to MCD0 do not become 01000b even if the CM05 bit in the CM0 register is set to 1 (main
clock stops).
b0
Function
Main clock division
select bits(2)
MCD1
MCD2
b4 b3 b2 b1 b0
1 0 0 1 0: Divide-by-1 (no division) mode
0 0 0 1 0: Divide-by-2 mode
0 0 0 1 1: Divide-by-3 mode
0 0 1 0 0: Divide-by-4 mode
0 0 1 1 0: Divide-by-6 mode
0 1 0 0 0: Divide-by-8 mode
0 1 0 1 0: Divide-by-10 mode
0 1 1 0 0: Divide-by-12 mode
0 1 1 1 0: Divide-by-14 mode
0 0 0 0 0: Divide-by-16 mode
Do not set to values other than the above
MCD3
MCD4
RW
RW
RW
RW
RW
−
(b7-b5)
−
Reserved bits
Read as undefined value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com