Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 90Page - Renesas Technology Corp M32C/8A Datasheet HTML 91Page - Renesas Technology Corp M32C/8A Datasheet HTML 92Page - Renesas Technology Corp M32C/8A Datasheet HTML 93Page - Renesas Technology Corp M32C/8A Datasheet HTML 94Page - Renesas Technology Corp M32C/8A Datasheet HTML 95Page - Renesas Technology Corp M32C/8A Datasheet HTML 96Page - Renesas Technology Corp M32C/8A Datasheet HTML 97Page - Renesas Technology Corp M32C/8A Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 77 of 352
REJ09B0385-0100
Figure 9.8
TCSPR Register, CPSRF Register
b7 b6 b5 b4
b1
b2
b3
Count Source Prescaler Register
Symbol
TCSPR
Address
035Fh
Bit Symbol
Bit Name
RW
CNT0
After Reset(2)
0XXX 0000b
NOTES:
1. Set bits CNT3 to CNT0 after the CST bit is set to 0.
2. The TCSPR register maintains values set before reset, even after the software reset or watchdog timer reset has been performed.
b0
Function
Division rate select bits(1)
CNT1
CNT2
If the setting value is n, f2n is the main clock,
on-chip oscillator clock, or PLL clock divided
by 2n.
When n is set to 0, no division is selected
CNT3
−
(b6-b4)
−
RW
RW
RW
RW
CST
Operation enable bit
RW
Reserved bits
Read as undefined value
0: Divider stops
1: Divider operates
Clock Prescaler Reset Register
b7 b6 b5 b4
b1
b2
b3
Symbol
CPSRF
Address
0341h
Bit Symbol
Bit Name
RW
−
(b6-b0)
After Reset
0XXX XXXXb
b0
Function
Unimplemented.
Write 0. Read as undefined value.
CPSR
RW
−
Clock prescaler reset bit
When the CPSR bit is set to 1, a divider for
fC32 is reset. Read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com