Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 85Page - Renesas Technology Corp M32C/8A Datasheet HTML 86Page - Renesas Technology Corp M32C/8A Datasheet HTML 87Page - Renesas Technology Corp M32C/8A Datasheet HTML 88Page - Renesas Technology Corp M32C/8A Datasheet HTML 89Page - Renesas Technology Corp M32C/8A Datasheet HTML 90Page - Renesas Technology Corp M32C/8A Datasheet HTML 91Page - Renesas Technology Corp M32C/8A Datasheet HTML 92Page - Renesas Technology Corp M32C/8A Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 72 of 352
REJ09B0385-0100
Figure 9.3
CM1 Register
b7
0
0
0
0
1
0
b6 b5 b4
b1
b2
b3
System Clock Control Register 1(1)
Symbol
CM1
Address
0007h
Bit Symbol
Bit Name
RW
CM10
After Reset
0010 0000b
NOTES:
1. Set the CM1 register after the PRC0 bit in the PRCR register is set to 1 (write enable).
2. When the CM10 bit is set to 1, the XOUT pin outputs "H" and the built-in feedback resistor is disconnected. Pins XIN, XCIN,
and XCOUT are placed in high-impedance states.
3. When the CM10 bit is set to 1, bits MCD4 to MCD0 in the MCD register become 01000b (divide-by-8 mode).
Do not set the CM10 bit to 1, when the CM20 bit in the CM2 register is set to 1 (oscillation stop detect function enabled) or the
CM21 bit in the CM2 register is set to 1 (on-chip oscillator clock selected).
4. Set the CM17 bit to 1 after the PLL clock oscillation stablilizes.
5. If the PM21 bit in the PM2 register is set to 1 (disables a clock change), writes to bits CM10 and CM17 have no effect.
If the PM22 bit in the PM2 register is set to 1 (on-chip oscillator clock as watchdog timer count source), a write to the CM10 bit
has no effect.
b0
Function
All clock stop control bit(2, 3, 5)
−
(b4-b1)
−
(b5)
Reserved bits
0: Clock oscillates
1: All clocks stop (stop mode)
−
(b6)
Set to 0
CM17
CPU clock select bit 1(4, 5)
Set to 1
0: Main clock
1: PLL clock
RW
Set to 0
Reserved bit
Reserved bit
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com