Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 89Page - Renesas Technology Corp M32C/8A Datasheet HTML 90Page - Renesas Technology Corp M32C/8A Datasheet HTML 91Page - Renesas Technology Corp M32C/8A Datasheet HTML 92Page - Renesas Technology Corp M32C/8A Datasheet HTML 93Page - Renesas Technology Corp M32C/8A Datasheet HTML 94Page - Renesas Technology Corp M32C/8A Datasheet HTML 95Page - Renesas Technology Corp M32C/8A Datasheet HTML 96Page - Renesas Technology Corp M32C/8A Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 76 of 352
REJ09B0385-0100
Figure 9.7
PM2 Register
b7 b6 b5 b4
b1
b2
b3
Processor Mode Register 2(1)
Symbol
PM2
Address
0013h
Bit Symbol
Bit Name
RW
−
(b0)
After Reset
00h
RW
NOTES:
1. Set the PM2 register after the PRC1 bit in the PRCR register is set to 1 (write enable).
2. Once bits PM22 and PM21 are set to 1, they cannot be set to 0 by program.
3. When the PM21 bit is set to 1,
• the CPU clock does not stop, even if the WAIT instruction is executed;
• writes to the following bits have no effect.
- the CM02 bit in the CM0 register
- the CM05 bit in the CM0 register
- the CM07 bit in the CM0 register (CPU clock source is not changed)
- the CM10 bit in the CM1 register (the MCU does not enter stop mode)
- the CM17 bit in the CM1 register (CPU clock source is not changed)
- the CM20 bit in the CM2 register (oscillation stop detect function setting is not changed)
- all bits in registers PLC0 and PLC1 (PLL frequency synthesizer setting is not changed)
4. When the PM22 bit is set to 1,
• the on-chip oscillator starts oscillating and the on-chip oscillator clock becomes the count source for the watchdog timer;
• write to the CM10 bit in the CM1 register is disabled (writing a 1 has no effect and the MCU does not enter stop mode);
• the watchdog timer keeps operating when the MCU is in wait mode or in hold state.
b0
Function
b7 b6
0 0: Clock selected by the CM21 bit
0 1: XIN clock (fXIND)
1 0: On-chip oscillator clock (fROC)
1 1: Do not set to this value
Reserved bit
PM21
PM22
System clock protect bit(2, 3)
0: Protects a clock by the PRCR register
1: Disables a clock change
−
(b5-b3)
WDT count source protect bit(2, 4)
Set to 0
PM26
f2n clock source select bits
PM27
RW
RW
RW
RW
RW
Reserved bits
Set to 0
0
0
0
0
0: CPU clock as count source for the watchdog
timer
1: On-chip oscillator clock as count source for
the watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com