Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 79Page - Renesas Technology Corp M32C/8A Datasheet HTML 80Page - Renesas Technology Corp M32C/8A Datasheet HTML 81Page - Renesas Technology Corp M32C/8A Datasheet HTML 82Page - Renesas Technology Corp M32C/8A Datasheet HTML 83Page - Renesas Technology Corp M32C/8A Datasheet HTML 84Page - Renesas Technology Corp M32C/8A Datasheet HTML 85Page - Renesas Technology Corp M32C/8A Datasheet HTML 86Page - Renesas Technology Corp M32C/8A Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 372 page
background image
M32C/8A Group
8. Bus
Rev.1.00
Jul 15, 2007
Page 66 of 352
REJ09B0385-0100
8.3
Page Mode Control Function
The page mode control function allows high-speed read access to the external memory compatible with the page
mode control. While the MCU accesses data within the eight-byte block of consecutive addresses which have the
same 21 high-order bits, less cycles are required for the subsequent bus accesses than the first bus access.
The EWCRi register (i = 0 to 3) determines how many wait states are inserted for the first bus access. Registers
PWCR0 and PWCR1 determine how many wait states are inserted for the subsequent bus accesses. Use the
following procedure to enable the page mode control.
(1) Set bits EWCRi4 to EWCRi0 in the EWCRi register.
(2) Set bits PWCRj02 to PWCRj00 and bits PWCRj06 to PWCRj04 in the PWCRj register (j = 0, 1).
(3) Set bits PWCRj03 and PWCRj07 to 1 (page mode control enabled).
When using the page mode control function, access all the external spaces using page mode control. It is not
allowed to combine the page mode controlled access and the normal access to external spaces.
Set bits PM05 and PM04 to 00b (multiplexed bus is not used). The page mode control function and multiplexed
bus cannot be used at the same time.
Figure 8.12 and 8.13 show registers PWCR0 and PWCR1. Figure 8.14 shows a diagram of external bus timing with
page mode function.
Figure 8.12
PWCR0 Register
b7 b6 b5 b4
b1
b2
b3
Page Mode Wait Control Register 0
Bit Symbol
Bit Name
RW
PWCR000
NOTE:
1. When page mode control is enabled, set the EWCRi6 bit in the EWCRi register (i = 0 to 3) to 0 (add no recovery
cycle when accessing external space i ).
b0
Function
External space 0
subsequent access
wait select bits
PWCR001
PWCR002
b2 b1 b0
0 0 1: 1φ + 1φ
0 1 0: 1φ + 2φ
0 1 1: 1φ + 3φ
1 0 0: 1φ + 4φ
Do not set to values other than the above.
PWCR003
PWCR005
RW
PWCR004
PWCR006
PWCR007
External space 0
page mode control enable bit
0: Page mode control disabled
1: Page mode control enabled(1)
External space 1
subsequent access
wait select bits
b6 b5 b4
0 0 1: 1φ + 1φ
0 1 0: 1φ + 2φ
0 1 1: 1φ + 3φ
1 0 0: 1φ + 4φ
Do not set to values other than the above.
External space 1
page mode control enable bit
0: Page mode control disabled
1: Page mode control enabled(1)
RW
RW
RW
RW
RW
RW
RW
Symbol
PWCR0
Address
004Ch
After Reset
0001 0001b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com