Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 57Page - Renesas Technology Corp M32C/8A Datasheet HTML 58Page - Renesas Technology Corp M32C/8A Datasheet HTML 59Page - Renesas Technology Corp M32C/8A Datasheet HTML 60Page - Renesas Technology Corp M32C/8A Datasheet HTML 61Page - Renesas Technology Corp M32C/8A Datasheet HTML 62Page - Renesas Technology Corp M32C/8A Datasheet HTML 63Page - Renesas Technology Corp M32C/8A Datasheet HTML 64Page - Renesas Technology Corp M32C/8A Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 372 page
background image
M32C/8A Group
6. Power Supply Voltage Detection Function
Rev.1.00
Jul 15, 2007
Page 44 of 352
REJ09B0385-0100
6.2.1
Usage Notes on Vdet4 Detection Interrupt
When all the conditions below are met, the Vdet4 detection interrupt is generated and the MCU exits wait mode
as soon as the WAIT instruction is executed or exits stop mode as soon as the CM10 bit in the CM1 register is
set to 1 (all clocks stopped).
• the VC27 bit in the VCR2 register is set to 1 (Vdet4 detection function used)
• the D40 bit in the D4INT register is set to 1 (Vdet4 detection interrupt enabled)
• the D41 bit in the D4INT register is set to 1 (Vdet4 detection interrupt is used to exit wait/stop mode)
• the voltage applied to the VCC1 pin is Vdet4 or above (the VC13 bit in the VCR1 register is 1)
Execute the WAIT instruction or set the CM10 bit to 1 (all clocks stopped) while the VC13 bit is 0
(VCC1 < Vdet4), if the MCU is configured to enter wait/stop mode when voltage applied to the VCC1 pin
drops Vdet4 or below and to exit wait/stop mode when the voltage applied rises to Vdet4 or above.
If the Vdet4 detection interrupt has been used to exit wait mode or stop mode, set the D41 bit to 0 and then set it
back to 1 to use the Vdet4 detection interrupt again to exit wait/stop mode.
6.3
Cold Start/Warm Start Determine Function
The WDC5 bit in the WDC register determines whether it is a reset process when power-on (cold start) or a reset
process when the RESET signal is input during MCU running (warm start). Default value of the WDC5 bit is 0
(cold start) when power-on, and the bit is set to 1 (warm start) by writing given values to the WDC register. The
WDC5 bit does not become 0 even if the hardware reset 1, hardware reset2, software reset, or watchdog timer reset
is performed.
Figure 6.7 shows an example of cold start/warm start determine function operation.
Figure 6.7
Cold Start/Warm Start Determine Function Operation
The WDC5 bit remains set
to 1 even if voltage applied
to RESET becomes 0 V.
T2
Program starts running
T1
Pch transistor ON (Approx. 4 V)
CPU comes out of reset
Set to 1 by program
T > 100
μs
5 V
0 V
5 V
0 V
1
0
VCC1
WDC5 bit
RESET
Reset sequence (Approx.20
μs@16 MHz)
NOTE:
1. If the time difference between T1 and T2 is greater, it may take longer to set the WDC5 bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com