Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 49Page - Renesas Technology Corp M32C/8A Datasheet HTML 50Page - Renesas Technology Corp M32C/8A Datasheet HTML 51Page - Renesas Technology Corp M32C/8A Datasheet HTML 52Page - Renesas Technology Corp M32C/8A Datasheet HTML 53Page - Renesas Technology Corp M32C/8A Datasheet HTML 54Page - Renesas Technology Corp M32C/8A Datasheet HTML 55Page - Renesas Technology Corp M32C/8A Datasheet HTML 56Page - Renesas Technology Corp M32C/8A Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 372 page
background image
M32C/8A Group
5. Reset
Rev.1.00
Jul 15, 2007
Page 36 of 352
REJ09B0385-0100
5.5
Internal Registers
Figure 5.3 shows CPU register states after reset. Refer to 4. Special Function Registers (SFRs) for SFR states
after reset.
Figure 5.3
CPU Register States after Reset
Data register (R0H/R0L)
Data register (R1H/R1L)
Data register (R2)
Data register (R3)
Address register (A0)
Address register (A1)
Static base register (SB)
Frame base register (FB)
R0H
R0L
R1H
R1L
R2
R3
A0
A1
SB
FB
00h
00h
0000h
0000h
000000h
000000h
000000h
000000h
000000h
000000h
000000h
Contents of addresses
FFFFFEh to FFFFFCh
00h
00h
b15
b23
b0
0
0
0
0
0
0
0
0
X
b15
b0
b8 b7
XXXXh
XXXXXXh
XXXXXXh
b23
b15
b0
00h
00h
XXXXh
XXXXh
XXXXh
XXXXh
XXXXXXh
XXXXXXh
XXXXXXh
XXXXXXh
XXXXXXh
XXXXXXh
b23
b15
b0
b7
General registers
X
X
X
X
0
0
0
UI O B S Z D C
IPL
0: 0 after reset
X: Undefined after reset
b0
b15
User stack pointer (USP)
Interrupt stack pointer (ISP)
Interrupt table register (INTB)
Flag register (FLG)
High-speed interrupt registers
DMAC-associated registers
Flag save register (SVF)
PC save register (SVP)
Vector register (VCT)
DMA mode register (DMD0)
DMA mode register (DMD1)
DMA transfer count register (DCT0)
DMA transfer count register (DCT1)
DMA transfer count reload register (DRC0)
DMA transfer count reload register (DRC1)
DMA memory address register (DMA0)
DMA memory address register (DMA1)
DMA memory address reload register (DRA0)
DMA memory address reload register (DRA1)
DMA SFR address register (DSA0)
DMA SFR address register (DSA1)
Program counter (PC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com