Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 36Page - Renesas Technology Corp M32C/8A Datasheet HTML 37Page - Renesas Technology Corp M32C/8A Datasheet HTML 38Page - Renesas Technology Corp M32C/8A Datasheet HTML 39Page - Renesas Technology Corp M32C/8A Datasheet HTML 40Page - Renesas Technology Corp M32C/8A Datasheet HTML 41Page - Renesas Technology Corp M32C/8A Datasheet HTML 42Page - Renesas Technology Corp M32C/8A Datasheet HTML 43Page - Renesas Technology Corp M32C/8A Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 372 page
background image
M32C/8A Group
4. Special Function Registers (SFRs)
Rev.1.00
Jul 15, 2007
Page 23 of 352
REJ09B0385-0100
Table 4.2
SFR Address Map (2)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
Address Match Interrupt Register 6
RMAD6
000000h
0039h
003Ah
003Bh
003Ch
Address Match Interrupt Register 7
RMAD7
000000h
003Dh
003Eh
003Fh
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
External Space Wait Control Register 0
EWCR0
X0X0 0011b
0049h
External Space Wait Control Register 1
EWCR1
X0X0 0011b
004Ah
External Space Wait Control Register 2
EWCR2
X0X0 0011b
004Bh
External Space Wait Control Register 3
EWCR3
X0X0 0011b
004Ch
Page Mode Wait Control Register 0
PWCR0
0001 0001b
004Dh
Page Mode Wait Control Register 1
PWCR1
0001 0001b
004Eh
004Fh
0050h
0051h
0052h
0053h
0054h
0055h
0056h
0057h
0058h
0059h
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com