Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 37Page - Renesas Technology Corp M32C/8A Datasheet HTML 38Page - Renesas Technology Corp M32C/8A Datasheet HTML 39Page - Renesas Technology Corp M32C/8A Datasheet HTML 40Page - Renesas Technology Corp M32C/8A Datasheet HTML 41Page - Renesas Technology Corp M32C/8A Datasheet HTML 42Page - Renesas Technology Corp M32C/8A Datasheet HTML 43Page - Renesas Technology Corp M32C/8A Datasheet HTML 44Page - Renesas Technology Corp M32C/8A Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 372 page
background image
M32C/8A Group
4. Special Function Registers (SFRs)
Rev.1.00
Jul 15, 2007
Page 24 of 352
REJ09B0385-0100
Table 4.3
SFR Address Map (3)
X: Undefined
Blank spaces are all reserved. No access is allowed.
Address
Register
Symbol
After Reset
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
DMA0 Interrupt Control Register
DM0IC
XXXX X000b
0069h
Timer B5 Interrupt Control Register
TB5IC
XXXX X000b
006Ah
DMA2 Interrupt Control Register
DM2IC
XXXX X000b
006Bh
UART2 Receive/ACK Interrupt Control Register
S2RIC
XXXX X000b
006Ch
Timer A0 Interrupt Control Register
TA0IC
XXXX X000b
006Dh
UART3 Receive/ACK Interrupt Control Register
S3RIC
XXXX X000b
006Eh
Timer A2 Interrupt Control Register
TA2IC
XXXX X000b
006Fh
UART4 Receive/ACK Interrupt Control Register
S4RIC
XXXX X000b
0070h
Timer A4 Interrupt Control Register
TA4IC
XXXX X000b
0071h
UART0/UART3 Bus Conflict Detection Interrupt Control Register
BCN0IC/BCN3IC
XXXX X000b
0072h
UART0 Receive/ACK Interrupt Control Register
S0RIC
XXXX X000b
0073h
A/D0 Conversion Interrupt Control Register
AD0IC
XXXX X000b
0074h
UART1 Receive/ACK Interrupt Control Register
S1RIC
XXXX X000b
0075h
0076h
Timer B1 Interrupt Control Register
TB1IC
XXXX X000b
0077h
0078h
Timer B3 Interrupt Control Register
TB3IC
XXXX X000b
0079h
007Ah
INT5 Interrupt Control Register
INT5IC
XX00 X000b
007Bh
007Ch
INT3 Interrupt Control Register
INT3IC
XX00 X000b
007Dh
007Eh
INT1 Interrupt Control Register
INT1IC
XX00 X000b
007Fh
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
DMA1 Interrupt Control Register
DM1IC
XXXX X000b
0089h
UART2 Transmit/NACK Interrupt Control Register
S2TIC
XXXX X000b
008Ah
DMA3 Interrupt Control Register
DM3IC
XXXX X000b
008Bh
UART3 Transmit/NACK Interrupt Control Register
S3TIC
XXXX X000b
008Ch
Timer A1 Interrupt Control Register
TA1IC
XXXX X000b
008Dh
UART4 Transmit/NACK Interrupt Control Register
S4TIC
XXXX X000b
008Eh
Timer A3 Interrupt Control Register
TA3IC
XXXX X000b
008Fh
UART2 Bus Conflict Detection Interrupt Control Register
BCN2IC
XXXX X000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com