Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 56Page - Renesas Technology Corp M32C/8A Datasheet HTML 57Page - Renesas Technology Corp M32C/8A Datasheet HTML 58Page - Renesas Technology Corp M32C/8A Datasheet HTML 59Page - Renesas Technology Corp M32C/8A Datasheet HTML 60Page - Renesas Technology Corp M32C/8A Datasheet HTML 61Page - Renesas Technology Corp M32C/8A Datasheet HTML 62Page - Renesas Technology Corp M32C/8A Datasheet HTML 63Page - Renesas Technology Corp M32C/8A Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 372 page
background image
M32C/8A Group
6. Power Supply Voltage Detection Function
Rev.1.00
Jul 15, 2007
Page 43 of 352
REJ09B0385-0100
Figure 6.6
Vdet4 Detection Function Operation Example
Voltage applied to VCC1
Time
Sampling period
RESET
VC27 bit
VC13 bit
Output from digital filter
D42 bit
Vdet4 detection
interrupt request signal
from D42 bit
Vdet4 detection
interrupt request signal
when D41 bit is 1
NOTES:
1. Apply an "L" to the RESET pin when the voltage input to the VCC1 pin drops to 3.0 V or below. When the
voltage rises above 3.0 V, and the voltage of the internal VDC and the main clock oscillation stabilize, apply an
"H" to the RESET pin.
2. When the D42 bit is set to 1, the Vdet4 detection interrupt request signal is not generated even if the Vdet4
detection signal is output from the digital filter.
3. If the Vdet4 detection interrupt has been used to exit wait mode or stop mode, set the D41 bit to 0 and then set
it back to 1 to use the Vdet4 detection interrupt again to exit wait/stop mode.
Vdet4 (V)
3 (V)
(note 1)
“H”
“L”
1
0
1
0
“H”
“L”
1
0
“H”
“L”
1
0
D41 bit
“H”
“L”
(note 2)
(note 3)
VC27 bit: bit in the VCR2 register
VC13 bit: bit in the VCR1 register
VC41 bit, VC42 bit: bits in the D4INT register
<When wait mode/stop mode is not used>
Set to 0 by program
Sampling period
Output from digital filter
D42 bit
Vdet4 detection
interrupt request signal
from D42 bit
“H”
“L”
1
0
“H”
“L”
<When wait mode/stop mode is used>
Wait mode or
stop mode
Wait mode or
stop mode
Set to 0 by program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com