Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 68Page - Renesas Technology Corp M32C/8A Datasheet HTML 69Page - Renesas Technology Corp M32C/8A Datasheet HTML 70Page - Renesas Technology Corp M32C/8A Datasheet HTML 71Page - Renesas Technology Corp M32C/8A Datasheet HTML 72Page - Renesas Technology Corp M32C/8A Datasheet HTML 73Page - Renesas Technology Corp M32C/8A Datasheet HTML 74Page - Renesas Technology Corp M32C/8A Datasheet HTML 75Page - Renesas Technology Corp M32C/8A Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 372 page
background image
M32C/8A Group
8. Bus
Rev.1.00
Jul 15, 2007
Page 55 of 352
REJ09B0385-0100
8.2.4
Bus Timing
Software wait states for the internal RAM can be set using the PM12 bit in the PM1 register, for the SFR area
using the PM13 bit, and for external spaces using the EWCRi register (i = 0 to 3). Table 8.6 lists a software
wait state and bus cycle.
The basic bus cycle for the internal RAM and SFR area is one bus clock (BCLK) cycle. A read or write to the
internal RAM takes the basic bus cycle. When the PM12 bit in the PM1 register to 1 (1 wait state), an access to
the internal RAM takes two BCLK cycles.
A read or write to the SFR area takes two BCLK cycles (1 wait state). When the PM13 bit in the PM1 register
is set to 1 (2 wait states), an access takes three BCLK cycles.
The external bus cycle is divided into two phases: the number of BCLK cycles in the period from the beginning
of the bus access until the read or write output signal becomes “L” (first
φ), and the number of BCLK cycles in
the period from the read or write output signal becomes “L” until the signal changes to “H” (second
φ).
The minimum read or write cycle for the external bus is two BCLK clock cycles (1
φ + 1 φ). The EWCRi
register (i = 0 to 3) selects an external bus cycle from 12 types for the separate bus and seven types for the
multiplexed bus. For example, when bits EWCRi4 to EWCRi0 in the EWCRi register are set to 00011b
(1
φ+3 φ), the external bus cycle is four BCLK cycles.
Figure 8.3 shows the EWCRi register. Figures 8.4 to 8.8 show external bus timings.
Figure 8.3
EWCR0 to EWCR3 Registers
b7 b6 b5 b4
b1
b2
b3
External Space Wait Control Register i (i = 0 to 3)
Symbol
EWCR0 to EWCR3
Address
0048h, 0049h, 004Ah, 004Bh
Bit Symbol
Bit Name
RW
EWCRi0
After Reset
X0X0 0011b
RW
b0
Function
EWCRi1
RW
RW
EWCRi2
EWCRi3
EWCRi4
−
(b5)
−
(b7)
RW
RW
−
Bus cycle select bits(3)
b4 b3 b2 b1 b0 (1)
(2)
0 0 0 0 1: 1
φ + 1 φ
0 0 0 1 0: 1
φ + 2 φ
0 0 0 1 1: 1
φ + 3 φ
0 0 1 0 0: 1
φ + 4 φ
0 0 1 0 1: 1
φ + 5 φ
0 0 1 1 0: 1
φ + 6 φ
0 1 0 1 0: 2
φ + 2 φ
0 1 0 1 1: 2
φ + 3 φ
0 1 1 0 0: 2
φ + 4 φ
0 1 1 0 1: 2
φ + 5 φ
1 0 0 1 1: 3
φ + 3 φ
1 0 1 0 0: 3
φ + 4 φ
1 0 1 0 1: 3
φ + 5 φ
1 0 1 1 0: 3
φ + 6 φ
Do not set to values other than the above
Unimplemented.
Write 0. Read as undefined value.
Unimplemented.
Write 0. Read as undefined value.
Recovery cycle insert
select bit
0: Insert no recovery cycle when accessing
external space i
1: Insert a recovery cycle when accessing
external space i
EWCRi6
RW
−
NOTES:
1. The number of BCLK cycles in the period from the beginning of the bus access until the read or write output signal becomes "L".
2. The number of BCLK cycles in the period from the read or write output signal becomes "L" until the signal changes to "H".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com