Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 97Page - Renesas Technology Corp M32C/8A Datasheet HTML 98Page - Renesas Technology Corp M32C/8A Datasheet HTML 99Page - Renesas Technology Corp M32C/8A Datasheet HTML 100Page - Renesas Technology Corp M32C/8A Datasheet HTML 101Page - Renesas Technology Corp M32C/8A Datasheet HTML 102Page - Renesas Technology Corp M32C/8A Datasheet HTML 103Page - Renesas Technology Corp M32C/8A Datasheet HTML 104Page - Renesas Technology Corp M32C/8A Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 84 of 352
REJ09B0385-0100
9.4
Clock Output Function
The CLKOUT pin outputs fC, f8, or f32.
The BCLK clock, which has the same frequency as the CPU clock, can be output from the BCLK pin in
microprocessor mode.
Table 9.4 lists CLKOUT pin function in microprocessor mode.
Table 9.4
CLKOUT Pin Function in Microprocessor Mode
−: Can be set to either 0 or 1
NOTES:
1. Change the CM0 register after setting the PRC0 bit in the PRCR register to 1 (write enable).
2. Change registers PM0 and PM1 after setting the PRC1 bit in the PRCR register to 1 (write enable).
CM0 Register(1)
PM1 Register(2)
PM0 Register(2)
CLKOUT/BCLK/ALE Pin Function
Bits CM01 and CM00 Bits PM15 and PM14
PM07 bit
00b
00b
10b
11b
0
Outputs BCLK
1
Outputs “L”
(does not function as P5_3)
01b
−
Outputs ALE
01b
−
−
Outputs fC
10b
−
−
Outputs f8
11b
−−
Outputs f32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com