Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 100Page - Renesas Technology Corp M32C/8A Datasheet HTML 101Page - Renesas Technology Corp M32C/8A Datasheet HTML 102Page - Renesas Technology Corp M32C/8A Datasheet HTML 103Page - Renesas Technology Corp M32C/8A Datasheet HTML 104Page - Renesas Technology Corp M32C/8A Datasheet HTML 105Page - Renesas Technology Corp M32C/8A Datasheet HTML 106Page - Renesas Technology Corp M32C/8A Datasheet HTML 107Page - Renesas Technology Corp M32C/8A Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 87 of 352
REJ09B0385-0100
Table 9.5
Operation Mode Setting
−: Can be set to either 0 or 1
NOTE:
1. The CM21 bit in the CM2 register has both the oscillation control and selector functions.
9.5.2
Wait Mode
In wait mode, the CPU and watchdog timer stop operating. If the PM22 bit in the PM2 register is set to 1 (on-
chip oscillator clock as watchdog timer count source), the watchdog timer continues operating. Since the main
clock, sub clock, and on-chip oscillator clock continue running, peripheral functions using these clocks as their
clock source also continue to operate.
9.5.2.1
Peripheral Function Clock Stop Function
If the CM02 bit in the CM0 register is set to 1 (peripheral clocks stop in wait mode), fAD, f1, f8, and f32 stop in
wait mode. f2n, which uses the clock selected by the CM21 bit in the CM2 register as its clock source, also
stops in wait mode. Power consumption can be reduced by stopping these peripheral clocks. f2n, which uses
the XIN clock (fXIND) or on-chip oscillator clock as its clock source, and fC32 do not stop even in wait mode.
9.5.2.2
Entering Wait Mode
To enter wait mode with the CM02 bit in the CM0 register set to 1, set bits MCD4 to MCD0 in the MCD
register for the CPU clock frequency to be 10 MHz or less after dividing the main clock.
Figure 9.14 shows a procedure to enter wait mode.
CPU Clock
Source
Operating Mode
Oscillation Control
Selector
CM0 Register
PLC0
Register
CM2
Register
CM1
Register
CM0
Register
CM05
CM04
PLC07
CM21(1)
CM17
CM07
Main clock
Main clock mode
0
−−
00
0
PLL clock
PLL mode
0
−
101
0
Sub clock
Low-speed mode
0
1
−−
−
1
Low power
consumption mode
11
0
−
01
On-chip
oscillator clock
On-chip oscillator mode
0
−−
1
−
0
On-chip oscillator low-
power consumption
mode
1
−
010
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com